Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCIP Datasheet(PDF) 3 Page - Amkor Technology

Part # FCIP
Description  Demand for flip chip interconnect technology is being driven by a number of factors from all corners of the silicon industry.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

FCIP Datasheet(HTML) 3 Page - Amkor Technology

  FCIP Datasheet HTML 1Page - Amkor Technology FCIP Datasheet HTML 2Page - Amkor Technology FCIP Datasheet HTML 3Page - Amkor Technology FCIP Datasheet HTML 4Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Flip Chip BGA Package (Cont.)
Technology
f
Substrates
▷ 4-18 layer laminate build-up substrates
▷ High CTE ceramic
▷ Coreless
f
Bump types
▷ Eutectic Sn/Pb
▷ Pb-free
▷ Cu pillar (array and fine-pitch peripheral)
f
Package formats
▷ Bare die
▷ Lidded
▷ Molded
f
90 µm minimum array bump pitch
f
<100 µm minimum peripheral bump pitch
f
Die sizes up to 29 mm
f
Package sizes from 10 mm to 66 mm (85 mm in
development)
f
0.4 mm, 0.5 mm, 0.65 mm, 0.8 mm and 1.0 mm
pitch BGA footprints
FCBGA/LGA (Bare die)
Flip chip packaging solution for most graphics, PC
chipset and low-end ASIC applications
fcCeramic CBGA/CLGA/CLLGA/solder
column interposer
Original packaging solution for flip chip products
Flip Chip CSP Package
Features
f
Designed for high-frequency applications
f
Target market – cell phones, handheld electronics
f
Thin-core laminate or ceramic package construction
f
Overmolded for handling and second level reliability
f
Accommodates package sizes from 3 mm to 15 mm
f
Flip chip bump pitches of 150 µm mininum for
peripheral array, 250 µm minimum for area array
f
Available in 0.5-1.0 mm BGA ball pitch, as well as
LGA interconnect
f
Minimum package thickness of 0.80 mm for LGA
interconnect, 1.0 mm for 0.5 mm BGA pitch and 1.2
mm for 0.8 mm BGA pitch
fcCSP
Flip chip solution for CSP package technology
Flip Chip System in Package (SiP)
Flip chip SiP package is an extension of the SiP product
offering from Amkor with the device interconnect
technology being flip chip rather than traditional
wirebond interconnects. The package may contain
multiple passive components, silicon and/or GaAs
devices bumped with traditional solder bumps or solder
coated copper pillar bumps housed in 2-layer or 4-layer
high-density substrates. This package format is gaining
traction in RF power amplifier and RF front end module
applications for size, performance and cost reasons.
Controlled collapse of the bumps leads to predictable
interconnect impedance and hence more stable
product performance. The low-solder volume in the
‘wetting tip’ allows for the elimination of the solder
mask from underneath the die which reduces the
substrate complexity and cost and removes a major
barrier for adopting the fine pitch FC interconnection
technology in the RF application space. Flip chip
interconnection may also preclude the need for
wafer backgrinding (for mold cap thickness 0.9 mm)
which leads to further reduction in product cost and
simplification of the process flow.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com