Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MQFP Datasheet(PDF) 1 Page - Amkor Technology

Part # MQFP
Description  Amkor’s MQFP (Metric Quad Flat Pack) packages allow the flexibility of growing or shrinking IC package size based upon application need.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

MQFP Datasheet(HTML) 1 Page - Amkor Technology

  MQFP_V01 Datasheet HTML 1Page - Amkor Technology MQFP_V01 Datasheet HTML 2Page - Amkor Technology MQFP_V01 Datasheet HTML 3Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Thermal Enhancement
Some designs and applications require an added margin of thermal
performance (power). Amkor’s easy and cost-effective solution is a heat
spreader. This optional embedded thermal aid improves Theta JA by as
much as 15% (without external heat sinks or fans) by supplementing the
heat dissipation path from the IC chip to the PCB.
Amkor’s MQFP (Metric Quad Flat Pack) packages allow IC packaging
engineers and systems designers the flexibility of growing or
shrinking IC package size based upon application need. Amkor uses
the most up-to-date materials and processes along with advanced
equipment, to ensure successful, reliable performance of our IC
devices. A complete line of MQFP packages are available to provide
security, convenience and success.
MQFP
DATA SHEET | LEADFRAME PRODUCTS
Thermal Performance
Multi-Layer PCB
Package
Body Size
(mm)
Pad Size
(mm)
θJA at (°C/W) by Velocity (LFPM)
0
200
500
32 Ld
7 x 7
5 x 5
67.8
55.9
50.1
100 Ld
14 x 14
8 x 8
41.5
33.4
29.5
144 Ld
20 x 20
8.5 x 8.5
38.0
31.2
28.1
176 Ld
24 x 24
8 x 8
38.3
31.9
29.0
JEDEC standard test boards
*Pre-JEDEC Standard Test Boards, Tested @ 1W
Electrical Performance
Simulated Results @ 100 MHz
Package
Body Size
(mm)
Pad Size
(mm)
Lead
Inductance
(nH)
Capacitance
(pF)
Resistance
(mΩ)
32 Ld
7 x 7
5 x 5
Longest
Shortest
0.904
0.799
0.211
0.202
9.2
7.8
48 Ld
7 x 7
5 x 5
Longest
Shortest
1.110
0.962
0.225
0.200
13.8
12.0
100 Ld
14 x 14
8 x 8
Longest
Shortest
2.300
1.520
0.419
0.322
26.3
17.8
144 Ld
20 x 20
8.5 x 8.5
Longest
Shortest
6.430
4.230
1.100
1.070
62.9
52.6
176 Ld
24 x 24
8 x 8
Longest
Shortest
9.510
5.200
1.270
1.340
89.0
64.0
FEATURES
f
10 x 10 mm to 32 x 32 mm body size
f
44-240 lead counts
f
Custom leadframe design available
f
Die up and down configurations
f
High conductivity copper leadframes
f
JEDEC standard compliant package
outlines
f
Integrated thermal enhancement
available with heat spreader
f
Fine pitch wirebond capability
f
Pb-free material sets
APPLICATIONS
Amkor’s MQFP line is adapted to
meet the increasing challenges of
advanced Digital Signal Processors
(DSP), microcontrollers, ASIC, gate
arrays (FPGA/PLD), and other
technologies. These packages fill
application needs in commercial,
office, industrial and other product
areas.


Similar Part No. - MQFP_V01

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
MQFP-D STATSCHIP-MQFP-D Datasheet
95Kb / 2P
Heat Spreader Metric Quad Flat Pack
MQFP-ED STATSCHIP-MQFP-ED Datasheet
99Kb / 2P
Exposed Drop-in Heat Slug Metric Quad Flat Pack
logo
Amkor Technology
MQFPPOWERQUAD2 AMKOR-MQFPPOWERQUAD2 Datasheet
99Kb / 2P
Exceptional thermal and electrical performance by design include the following
More results

Similar Description - MQFP_V01

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
MQFP STATSCHIP-MQFP Datasheet
103Kb / 2P
Metric Quad Flat Pack
MQFP-D STATSCHIP-MQFP-D Datasheet
95Kb / 2P
Heat Spreader Metric Quad Flat Pack
MQFP-ED STATSCHIP-MQFP-ED Datasheet
99Kb / 2P
Exposed Drop-in Heat Slug Metric Quad Flat Pack
logo
Intersil Corporation
MQFP INTERSIL-MQFP Datasheet
17Kb / 1P
Metric Plastic Quad Flatpack Packages
logo
Amkor Technology
CQFP AMKOR-CQFP Datasheet
332Kb / 1P
Ceramic Quad Flat Pack Package
FLATPACK AMKOR-FLATPACK Datasheet
490Kb / 1P
Ceramic Flat Pack Package
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
Low Profile Quad Flat Pack (LQFP) Packages
MQFP AMKOR-MQFP Datasheet
389Kb / 2P
Amkor?셲 MQFP IC package portfolio provides
logo
ACCUTEK MICROCIRCUIT CO...
AK32D300-QFP5X5 ACCUTEK-AK32D300-QFP5X5_12 Datasheet
1Mb / 9P
Quad Flat Package DIP or PGA Adapters
logo
PHOENIX CONTACT
1019720 PHOENIX-1019720 Datasheet
63Kb / 4P
High degree of application flexibility, thanks to the modular housing design
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com