Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBGA Datasheet(PDF) 1 Page - Amkor Technology

Part # PBGA
Description  Amkor’s PBGA/TEPBGA packages incorporate the most advanced assembly processes and designs for cost/performance applications.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

PBGA Datasheet(HTML) 1 Page - Amkor Technology

  PBGA_V01 Datasheet HTML 1Page - Amkor Technology PBGA_V01 Datasheet HTML 2Page - Amkor Technology PBGA_V01 Datasheet HTML 3Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Innovative designs and expanding package offerings provide a platform
from prototype-to-production.
f
Custom ball counts up to 1521
f
1.00, 1.27 & 1.50 mm standard ball pitch available (other ball pitches
available upon request, e.g. 0.8 mm)
f
17 to 40 mm body sizes
f
Thin Au wire or Cu wire compatible
f
Chip-on-Chip (CoC)
f
Large mold cap for quality enhancement
f
Low profile and lightweight
f
Thermal and electrical enhancement capable
f
Highly flexible internal routing of signal, power and ground for device
performance and system compatibility
f
HDI designs possible
f
Suitable substrate for multi-die (MCM) and integrated SMT structures
f
Mature strip based manufacturing process with high yields
f
Full in-house design capability
f
Quickest design-to-prototype delivery
f
Perimeter, stagger and full ball arrays
f
Special packaging for memory available
f
Multi-layer, ground/power
f
JEDEC MS-034 standard outlines
f
Excellent reliability
f
63 Sn/37 Pb eutectic or Pb-free solder balls
Amkor’s PBGA/TEPBGA (Plastic Ball Grid Array/Thermally Enhanced
Plastic Ball Grid Array) packages incorporate the most advanced
assembly processes and designs for cost/performance applications.
This advanced IC package technology allows application and design
engineers to optimize innovations while maximizing the performance
characteristics of semiconductors.
These PBGA packages are designed for low inductance, improved
thermal operation and enhanced SMT ability. Custom performance
enhancements, like ground and power planes, are available for
significant improvements in electrical response demanded by
advanced electronics.
Additionally, these packages utilize industry proven, semiconductor
grade materials for reliable, long-term operations while providing
user flexible design parameters.
PBGA/TEPBGA
DATA SHEET | LAMINATE PRODUCTS


Similar Part No. - PBGA_V01

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PBGA AMKOR-PBGA Datasheet
299Kb / 2P
Innovative designs and expanding package offerings provide a platform from prototype-to-production
PBGA AMKOR-PBGA Datasheet
411Kb / 2P
Silver Wirebonding
02/22
More results

Similar Description - PBGA_V01

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29DL320G SPANSION-AM29DL320G Datasheet
1Mb / 58P
For new designs involving TSOP packages, S29JL032H supercedes Am29DL320G and is the factory-recommended migration path.
logo
Advanced Crystal Techno...
ACT_HC49_US_SMX ACT-ACT_HC49_US_SMX Datasheet
186Kb / 3P
one of the most cost effective and popular surface mount crystals available
21-06-2012
ACT_HC49_US_SMX_CUSTOM ACT-ACT_HC49_US_SMX_CUSTOM Datasheet
328Kb / 2P
one of the most cost effective and popular surface mount crystals available.
29/06/11
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
Suitable for most types of soldering processes
logo
Pan Jit International I...
MMSZ4690TS PANJIT-MMSZ4690TS Datasheet
126Kb / 5P
Ideally Suited for Automated Assembly Processes
logo
List of Unclassifed Man...
AOC-CTG-I2T ETC2-AOC-CTG-I2T Datasheet
544Kb / 1P
The Most Advanced Ethernet Adapter for High-Density Server Systems
TS121SZQ2 ETC2-TS121SZQ2 Datasheet
308Kb / 2P
Highest quality for the most demanding applications
logo
MKS Instruments.
VISION2000-C MKS-VISION2000-C Datasheet
378Kb / 4P
RGA FOR CVD AND ETCH PROCESSES
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
The best performance, the most colors
20210816
logo
List of Unclassifed Man...
G-SERIES ETC-G-SERIES Datasheet
609Kb / 2P
The first & most popular patented high-performance design
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com