Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBGA Datasheet(PDF) 3 Page - Amkor Technology

Part # PBGA
Description  Amkor’s PBGA/TEPBGA packages incorporate the most advanced assembly processes and designs for cost/performance applications.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

PBGA Datasheet(HTML) 3 Page - Amkor Technology

  PBGA_V01 Datasheet HTML 1Page - Amkor Technology PBGA_V01 Datasheet HTML 2Page - Amkor Technology PBGA_V01 Datasheet HTML 3Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Visit amkor.com or email sales@amkor.com for more information.
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such
information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or damage of
whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not
in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard terms and conditions of sale. Amkor
reserves the right to make changes in its product and specifications at any time and without notice. The Amkor name and logo are
registered trademarks of Amkor Technology, Inc. All other trademarks mentioned are property of their respective companies.
© 2020 Amkor Technology, Incorporated. All Rights Reserved. DS520T-EN Rev Date: 12/20
PBGA/TEPBGA
PBGA Standard Package Offering
PBGA – 2 layer
PBGA – 4 layer
TEPBGA-1
TEPBGA-2
TEPBGA-3
f
PBGA (qualified L2AA/260°C)
f
2/4/6 Layer
f
4 Layer with 1 oz (35 µm) internal Cu planes
f
Single or multi-die
f
TEPBGA-1 (qualified L2AA/260°C)
f
4 Layer with 2 oz (70 µm) internal Cu planes
f
Single or multi-die
f
TEPBGA-2 (qualified L3/260°C)
f
4 Layer with 2 oz (70 µm) internal Cu planes
f
Embedded Cu heat spreader (grounded option)
f
TEPBGA-3 (qualified L3/260°C)
f
4 Layer with 2 oz (70 µm) internal Cu planes
f
Embedded Cu heat spreader (grounded option)
f
Thermally enhanced mold compound



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com