Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25C02 Datasheet(PDF) 6 Page - SYC Electronica

Part # ST25C02
Description  SERIAL 2K (256 x 8) EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ST25C02 Datasheet(HTML) 6 Page - SYC Electronica

Back Button ST25C02 Datasheet HTML 2Page - SYC Electronica ST25C02 Datasheet HTML 3Page - SYC Electronica ST25C02 Datasheet HTML 4Page - SYC Electronica ST25C02 Datasheet HTML 5Page - SYC Electronica ST25C02 Datasheet HTML 6Page - SYC Electronica ST25C02 Datasheet HTML 7Page - SYC Electronica ST25C02 Datasheet HTML 8Page - SYC Electronica ST25C02 Datasheet HTML 9Page - SYC Electronica ST25C02 Datasheet HTML 10Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Symbol
Alt
Parameter
Min
Max
Unit
tCH1CH2
tR
Clock Rise Time
1
µs
tCL1CL2
tF
Clock Fall Time
300
ns
tDH1DH2
tR
Input Rise Time
1
µs
tDL1DL1
tF
Input Fall Time
300
ns
tCHDX
(1)
tSU:STA
Clock High to Input Transition
4.7
µs
tCHCL
tHIGH
Clock Pulse Width High
4
µs
tDLCL
tHD:STA
Input Low to Clock Low (START)
4
µs
tCLDX
tHD:DAT
Clock Low to Input Transition
0
µs
tCLCH
tLOW
Clock Pulse Width Low
4.7
µs
tDXCX
tSU:DAT
Input Transition to Clock Transition
250
ns
tCHDH
tSU:STO
Clock High to Input High (STOP)
4.7
µs
tDHDL
tBUF
Input High to Input Low (Bus Free)
4.7
µs
tCLQV
(2)
tAA
Clock Low to Next Data Out Valid
0.3
3.5
µs
tCLQX
tDH
Data Out Hold Time
300
ns
fC
fSCL
Clock Frequency
100
kHz
tW
(3)
tWR
Write Time
10
ms
Notes: 1. For a reSTART condition, or following a write cycle.
2. The minimum value delays the falling/rising edge of SDA away from SCL = 1 in order to avoid unwanted START and/or STOP
conditions.
3. In the Multibyte Write mode only, if accessed bytes are on two consecutive 8 bytes rows (6 address MSB are not constant) the
maximum programming time is doubled to 20ms.
Table 7. AC Characteristics
(TA = 0 to 70
°C, –20 to 85°C or –40 to 85°C; VCC = 3V to 5.5V, 2.5V to 5.5V or 1.8V to 5.5V)
The 4 most significant bits of the device select code
are the device type identifier, corresponding to the
I2C bus definition. For these memories the 4 bits
are fixed as 1010b. The following 3 bits identify the
specific memory on the bus. They are matched to
the chip enable signals E2, E1, E0. Thus up to 8 x
2K memories can be connected on the same bus
giving a memory capacity total of 16K bits. After a
START condition any memory on the bus will iden-
tify the device code and compare the following 3
bits to its chip enable inputs E2, E1, E0.
The 8th bit sent is the read or write bit (RW), this
bit is set to ’1’ for read and ’0’ for write operations.
If a match is found, the corresponding memory will
acknowledge the identification on the SDA bus
during the 9th bit time.
Input Rise and Fall Times
≤ 50ns
Input Pulse Voltages
0.2VCC to 0.8VCC
Input and Output Timing Ref. Voltages 0.3VCC to 0.7VCC
AC MEASUREMENT CONDITIONS
AI00825
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Figure 4. AC Testing Input Output Waveforms
DEVICE OPERATION (cont’d)
6/16
ST24/25C02, ST24C02R, ST24/25W02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com