Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25C02 Datasheet(PDF) 1 Page - SYC Electronica

Part # ST25C02
Description  SERIAL 2K (256 x 8) EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

ST25C02 Datasheet(HTML) 1 Page - SYC Electronica

  ST25C02 Datasheet HTML 1Page - SYC Electronica ST25C02 Datasheet HTML 2Page - SYC Electronica ST25C02 Datasheet HTML 3Page - SYC Electronica ST25C02 Datasheet HTML 4Page - SYC Electronica ST25C02 Datasheet HTML 5Page - SYC Electronica ST25C02 Datasheet HTML 6Page - SYC Electronica ST25C02 Datasheet HTML 7Page - SYC Electronica ST25C02 Datasheet HTML 8Page - SYC Electronica ST25C02 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ST24/25C02, ST24C02R
ST24/25W02
SERIAL 2K (256 x 8) EEPROM
NOT FOR NEW DESIGN
November 1997
1/16
This is information on a product still in production but not recommended for new design
AI00788D
3
E0-E2
SDA
VCC
ST24x02
ST25x02
ST24C02R
MODE/WC*
SCL
VSS
Figure 1. Logic Diagram
1 MILLION ERASE/WRITE CYCLES with
40 YEARS DATA RETENTION
SINGLE SUPPLY VOLTAGE:
– 3V to 5.5V for ST24x02 versions
– 2.5V to 5.5V for ST25x02 versions
– 1.8V to 5.5V for ST24C02R version only
HARDWARE WRITE CONTROL VERSIONS:
ST24W02 and ST25W02
TWO WIRE SERIAL INTERFACE, FULLY I2C
BUS COMPATIBLE
BYTE and MULTIBYTE WRITE (up to 4
BYTES)
PAGE WRITE (up to 8 BYTES)
BYTE, RANDOM and SEQUENTIAL READ
MODES
SELF TIMED PROGRAMMING CYCLE
AUTOMATIC ADDRESS INCREMENTING
ENHANCED ESD/LATCH-UP
PERFORMANCES
ST24C/W02 are replaced by the M24C02
ST25C/W02 are replaced by the M24C02-W
ST24C02R is replaced by the M24C02-R
DESCRIPTION
This specification covers a range of 2K bits I2C bus
EEPROM produc ts, t he ST24/25C02, the
ST24C02R and ST24/25W02. In the text, products
are referred to as ST24/25x02, where "x" is: "C" for
Standard version and "W" for hardware Write Con-
trol version.
E0-E2
Chip Enable Inputs
SDA
Serial Data Address Input/Output
SCL
Serial Clock
MODE
Multibyte/Page Write Mode
(C version)
WC
Write Control (W version)
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
8
1
SO8 (M)
150mil Width
8
1
PSDIP8 (B)
0.25mm Frame
Note: WC signal is only available for ST24/25W02 products.


Similar Part No. - ST25C02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25C02 STMICROELECTRONICS-ST25C02 Datasheet
141Kb / 16P
SERIAL 2K (256 x 8) EEPROM
Nov-1997
ST25C02B1TR STMICROELECTRONICS-ST25C02B1TR Datasheet
145Kb / 16P
SERIAL 2K (256 x 8) EEPROM
Nov-1997
ST25C02B3TR STMICROELECTRONICS-ST25C02B3TR Datasheet
145Kb / 16P
SERIAL 2K (256 x 8) EEPROM
Nov-1997
ST25C02B5TR STMICROELECTRONICS-ST25C02B5TR Datasheet
145Kb / 16P
SERIAL 2K (256 x 8) EEPROM
Nov-1997
ST25C02B6TR STMICROELECTRONICS-ST25C02B6TR Datasheet
145Kb / 16P
SERIAL 2K (256 x 8) EEPROM
Nov-1997
More results

Similar Description - ST25C02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24C02 STMICROELECTRONICS-ST24C02 Datasheet
145Kb / 16P
SERIAL 2K (256 x 8) EEPROM
Nov-1997
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST95P02 STMICROELECTRONICS-ST95P02 Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
Jun-1996
logo
Hitachi Semiconductor
HN58X2402SI HITACHI-HN58X2402SI Datasheet
62Kb / 19P
Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
Two-wire Serial EEPROM 2K (256 x 8)
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
logo
Renesas Technology Corp
R1EX24002ASAS0I RENESAS-R1EX24002ASAS0I_15 Datasheet
300Kb / 18P
Two-wire serial interface 2k EEPROM (256-word x 8-bit)
logo
STMicroelectronics
ST24C02R STMICROELECTRONICS-ST24C02R Datasheet
141Kb / 16P
SERIAL 2K (256 x 8) EEPROM
Nov-1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com