Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ33VC-T Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # MMBZ33VC-T
Description  Low capacitance unidirectional double ESD protection diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MMBZ33VC-T Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  MMBZ33VC-T Datasheet HTML 1Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 2Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 3Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 4Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 5Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 6Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 7Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 8Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
MMBZ33VC-T
Low capacitance unidirectional double ESD protection diode
9. Characteristics
Table 6. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff
voltage
Tamb = 25 °C
-
-
26
V
VBR
breakdown voltage
IR = 1 mA; Tamb = 25 °C
31.3
33
34.7
V
IRM
reverse leakage current VR = 26 V; Tamb = 25 °C
-
1
50
nA
Cd
diode capacitance
f = 1 MHz; VR = 0 V; Tamb = 25 °C
-
20
25
pF
VCL
clamping voltage
IPPM = 2.8 A; tp = 8/20 µs; Tamb = 25 °C [1]
-
49
-
V
[1] Device stressed with 8/20 μs exponential decay waveform according to IEC 61000-4-5
006aab324
- VCL - VBR - VRWM
- IRM
- IR
- IPP
V
I
P-N
-
+
- IPPM
Fig. 3. V-I characteristics for a unidirectional ESD
protection diode
VR (V)
0
25
20
10
15
5
aaa-039102
10
15
5
20
25
Cd
(pF)
0
f = 1 MHz; Tamb= 25 °C
Fig. 4. Diode capacitance as a function of reverse
voltage; typical values
VCL (V)
0
80
60
20
40
aaa-039103
2
3
1
4
5
IPP
(A)
0
IEC 61000-4-5; tp = 8/20 μs; positive pulse
Fig. 5. Dynamic resistance with positive clamping; typical values
MMBZ33VC-T
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
8 November 2024
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com