Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ33VC-T Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # MMBZ33VC-T
Description  Low capacitance unidirectional double ESD protection diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MMBZ33VC-T Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  MMBZ33VC-T Datasheet HTML 1Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 2Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 3Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 4Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 5Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 6Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 7Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 8Page - Nexperia B.V. All rights reserved MMBZ33VC-T Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Nexperia
MMBZ33VC-T
Low capacitance unidirectional double ESD protection diode
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
A1
anode (diode 1)
2
A2
anode (diode 2)
3
CC
common cathode
1
2
3
SOT23
sym002
A2
A1
CC
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
MMBZ33VC-T
SOT23
plastic, surface-mounted package; 3 terminals; 1.9 mm
pitch; 2.9 mm x 1.3 mm x 1 mm body
SOT23
7. Marking
Table 4. Marking codes
Type number
Marking code[1]
MMBZ33VC-T
2Y%
[1] % = placeholder for manufacturing site code
MMBZ33VC-T
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
8 November 2024
2 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com