Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSOP-V01 Datasheet(PDF) 1 Page - Amkor Technology

Part # SSOP-V01
Description  SSOP (Shrink Small-Outline Package) and QSOP (Quarter-Size Small Outline Package) are leadframe based, plastic encapsulated packages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

SSOP-V01 Datasheet(HTML) 1 Page - Amkor Technology

  SSOP-V01 Datasheet HTML 1Page - Amkor Technology SSOP-V01 Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JEDEC standard test boards
Reliability Qualification
Amkor package qualification uses three independent production lots and a
minimum of 77 units per test group. All testing includes JSTD‑020 moisture
preconditioning.
f
Moisture sensitivity characterization: JEDEC level 3, 30°C/60% RH,
192 hours
f
uHAST: 130°C/85% RH, no bias, 96 hours
f
Temp cycle: ‑65°C/+150°C, 500 cycles
f
High temp storage: 150°C, 1000 hours
SSOP (Shrink Small‑Outline Package) and QSOP (Quarter‑Size Small
Outline Package) are leadframe based, plastic encapsulated packages
that are well suited for applications requiring optimum performance
in IC packaging with compressed body size and tightened lead pitch.
These industry standard IC packages yield a significant reduction in
size while running in high volume and provide value added, low‑cost
solutions for a wide range of applications.
SSOP/QSOP
DATA SHEET | LEADFRAME PRODUCTS
Thermal Performance
Forced Convection, Single-Layer PCB
Package
Body Size
(mm)
Pad Size
(mm)
θJA at (°C/W) by Velocity (LFPM)
0
200
500
20 Ld
3.9 x 8.7
2.4 x 3.6
80.8
73.2
69.2
28 Ld
5.3 x 10.2
3.84 x 8.10
49.0
36.0
30.0
Electrical Performance
Simulated Results @ 100 MHz
Package
Body Size
(mm)
Pad Size
(mm)
Lead
Inductance
(nH)
Bulk
Capacitance
(pF)
Self
Resistance
(mF)
20 Ld
5.3 x 7.2
3.9 x 5.4
Longest
Shortest
2.260
0.958
0.395
0.209
19.0
9.10
28 Ld
3.9 x 9.9
2.4 x 4.8
Longest
Shortest
1.590
0.757
0.376
0.198
14.1
7.53
28 Ld
5.3 x 10.2
3.9 x 5.1
Longest
Shortest
2.510
0.928
0.463
0.206
21.5
9.57
FEATURES
f
Cu wire interconnect for low cost
f
Standard JEDEC package outlines
f
Multi‑die production capability
f
Turnkey test services, including strip
test options
f
Green materials are standard –
Pb‑free and RoHS compliant
f
Stealth dicing (narrow saw streets)
f
Larger/Higher density leadframe strips
f
Leadframe roughening for improved
MSL capability
PROCESS HIGHLIGHTS
f
Au plated PCC wire is standard,
Au and Ag wire available
f
Wafer backgrinding services available
f
Multiple die and die stacking capability
f
NiPdAu (PPF) lead finish is standard,
matte Sn is optional
f
Laser mark on package body


Similar Part No. - SSOP-V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSOP-16 ETC-SSOP-16 Datasheet
88Kb / 1P
16-Lead SSOP Plastic Package
logo
Global Mixed-mode Techn...
SSOP-16 GMT-SSOP-16 Datasheet
121Kb / 1P
Package Outline
SSOP-16(209MILS) GMT-SSOP-16(209MILS) Datasheet
122Kb / 1P
Package Outline
SSOP-20 GMT-SSOP-20 Datasheet
122Kb / 1P
Package Outline
SSOP-24 GMT-SSOP-24 Datasheet
121Kb / 1P
Package Outline
More results

Similar Description - SSOP-V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SSOP24 STMICROELECTRONICS-SSOP24 Datasheet
59Kb / 4P
24-LEAD SHRINK SMALL OUTLINE PACKAGE
Nov-2002
logo
fujitsu semiconductor
FPT-20P-M04 FUJITSU-FPT-20P-M04 Datasheet
37Kb / 1P
THIN SHRINK SMALL OUTLINE PACKAGE
logo
Amkor Technology
CSSOP AMKOR-CSSOP Datasheet
304Kb / 1P
Ceramic Shrink Small Outline Package
logo
Analog Devices
RQ-16 AD-RQ-16 Datasheet
60Kb / 1P
16-Lead Shrink Small Outline Package [QSOP] Dimensions shown in inches
logo
ACCUTEK MICROCIRCUIT CO...
AK06D300-QSOP ACCUTEK-AK06D300-QSOP_12 Datasheet
174Kb / 4P
Quarter Size Small Outline Package QSOP DIP Adapters
AK16D300 ACCUTEK-AK16D300_12 Datasheet
79Kb / 3P
Shrink Small Outline Package SSOP DIP Adapters
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
Small Outline Package
AP2318AGEN-HF A-POWER-AP2318AGEN-HF_14 Datasheet
64Kb / 4P
Small Outline Package
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
Guangdong Youtai Semico...
LM75B UMW-LM75B Datasheet
312Kb / 23P
plastic thin shrink small outline package; 8 leads;
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com