Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSOP-V01 Datasheet(PDF) 2 Page - Amkor Technology

Part # SSOP-V01
Description  SSOP (Shrink Small-Outline Package) and QSOP (Quarter-Size Small Outline Package) are leadframe based, plastic encapsulated packages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

SSOP-V01 Datasheet(HTML) 2 Page - Amkor Technology

  SSOP-V01 Datasheet HTML 1Page - Amkor Technology SSOP-V01 Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such
information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or damage of
whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not
in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard terms and conditions of sale. Amkor
reserves the right to make changes in its product and specifications at any time and without notice. The Amkor name and logo are
registered trademarks of Amkor Technology, Inc. All other trademarks mentioned are property of their respective companies.
© 2021 Amkor Technology, Incorporated. All Rights Reserved. DS360R-EN Rev Date: 12/21
Visit amkor.com or email sales@amkor.com for more information.
Shipping
f
Clear anti‑static tube, 20 inch
f
Tape and reel
f
Dry pack
f
Drop ship
SSOP/QSOP
Cross Section SSOP/QSOP
Configuration Options
SSOP/QSOP Nominal Package Dimensions (Inches – Unless Otherwise Specified)
Package
Type
Lead
Count
Body
Width
Body
Length
Body
Thickness
Standoff
Overall
Height
Lead
Pitch
Tip-to-Tip
JEDEC
Factory
Package
Outline
Drawing #
SSOP
14/16
5.3 mm
(209 mil)
6.2 mm
1.73 mm
0.13 mm
1.86 mm
0.65 mm
7.80 mm
MO‑150
P1
32289
20
5.3 mm
(209 mil)
7.2 mm
1.73 mm
0.13 mm
1.86 mm
0.65 mm
7.80 mm
MO‑150
P1
32289
24
5.3 mm
(209 mil)
8.2 mm
1.73 mm
0.13 mm
1.86 mm
0.65 mm
7.80 mm
MO‑150
P1
32289
28
5.3 mm
(209 mil)
10.2 mm
1.73 mm
0.13 mm
1.86 mm
0.65 mm
7.80 mm
MO‑150
P1
32289
QSOP
16
0.150
0.194
0.058
0.006
0.064
0.0250
0.236
MO‑137
P1
32864
Services And Support
Amkor has a broad base of resources available to help
customers bring quality products to market quickly and
at the lowest possible cost.
f
Full package characterization
f
Thermal, mechanical stress and electrical
performance modeling
f
Turnkey assembly, test and drop ship
f
World‑class reliability testing and failure analysis
Test Services
f
Program generation/conversion
f
Wafer probe
f
Burn‑in capabilities
f
‑55°C to +165°C test available
f
Strip test available
Wirebond
Die attach adhesive
Mold compound
A
B
Die attach pad
Cu leadframe
C
D
E
C
A
B
E
D



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com