Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWIFT Datasheet(PDF) 1 Page - Amkor Technology

Part # SWIFT
Description  Silicon Wafer Integrated Fan-out Technology (SWIFT) is designed to provide increased I/O and circuit density in a reduced footprint and profile for single and multi-die applications.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

SWIFT Datasheet(HTML) 1 Page - Amkor Technology

  SWIFT Datasheet HTML 1Page - Amkor Technology SWIFT Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SWIFT® Technology
Silicon Wafer Integrated Fan-out Technology (SWIFT) is designed
to provide increased I/O and circuit density in a reduced footprint
and profile for single and multi-die applications. SWIFT technology
enables creation of advanced 3D structures, addressing the need
for increased IC integration in emerging mobile and networking
applications.
The distinctive characteristics of SWIFT technology are due, in part, to
the fine feature capabilities associated with this innovative wafer level
packaging technique. This allows more aggressive design rules to be
applied compared to traditional WLFO and laminate-based assemblies.
SWIFT Structures and Attributes
The figure below shows cross-section illustrations of a single die SWIFT
and dual-die 3D/Package-on-Package (PoP) SWIFT structures. Although
the package appears to be of a typical fine-pitch flip chip construction, it
incorporates some unique features not
associated with conventional IC packages.
Enabling Technologies for
SWIFT Packaging
Key assembly technologies enable the
creation of these distinctive SWIFT
packaging features and attributes.
Through the use of stepper photo imaging
equipment, 2/2 μm line/space features can
be achieved, enabling very high density
die-to-die connections required for SoC
partitioning and networking applications
where 2.5D TSV would typically be used.
Fine-pitch die micro bumps provide a
high-density interconnect for advanced
products, such as application processors
and baseband devices. In addition, tall
Cu pillars enable a high-density vertical
interface for mounting advanced memory
devices on the top of the SWIFT structure.
SWIFT® PACKAGING
CONSIDERATIONS
Amkor’s state-of-the-art High-Density
Fan-Out (HDFO) structure called
Silicon Wafer Integrated Fan-out
Technology (SWIFT) packaging,
bridges the gap between TSV and
laminate substrates.
FEATURES
f
Polymer dielectrics
f
Multi-die and large die capability
f
Large body package capability
f
Interconnect density down to
2/2 μm
f
Cu pillar die interconnect down to
30 μm pitch
f
Meets JEDEC MSL2a and MSL3 CLR
and BLR requirements
SWIFT® on Substrate
Fan-in PoP SWIFT®
Plated Cu RDL L/S
down to 2 µm
Multilayer
Redistribution
Multilayer RDL
Cross Section
Tall Cu Pillar for
PoP Applications
TECHNOLOGY SOLUTIONS


Similar Part No. - SWIFT

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SWIFO111E SEOUL-SWIFO111E Datasheet
996Kb / 23P
Direct TV Application
More results

Similar Description - SWIFT

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-7813R NI-NIPXI-7813R_14 Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
NIPXI7851R NI-NIPXI7851R Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
logo
E-Tech Electronics LTD
GS204U ETL-GS204U Datasheet
152Kb / 2P
The GS204U is designed for bias circuit and protection circuit.
logo
Amkor Technology
WLCSP AMKOR-WLCSP Datasheet
474Kb / 2P
Wafer Level Processing and Die Processing Services
logo
Littelfuse
V05E50P LITTELFUSE-V05E50P Datasheet
1Mb / 12P
Reduced footprint and volume required for surge protection
logo
Delta Electronics, Inc.
Q36SR DELTA-Q36SR Datasheet
713Kb / 14P
Industry standard footprint and pin out
logo
Renesas Technology Corp
RJP30H2DPK-M0-11 RENESAS-RJP30H2DPK-M0-11 Datasheet
159Kb / 6P
Trench gate and thin wafer technology
logo
Delta Electronics, Inc.
FL75L10 DELTA-FL75L10 Datasheet
522Kb / 7P
Industry standard footprint and pin-out
S48SA05006 DELTA-S48SA05006 Datasheet
910Kb / 13P
Industry standard footprint and pin out
logo
Shanghai Leiditech Elec...
L1000LVF LEIDITECH-L1000LVF Datasheet
381Kb / 2P
Designed for use in line voltage applications and permitting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com