Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWIFT Datasheet(PDF) 2 Page - Amkor Technology

Part # SWIFT
Description  Silicon Wafer Integrated Fan-out Technology (SWIFT) is designed to provide increased I/O and circuit density in a reduced footprint and profile for single and multi-die applications.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

SWIFT Datasheet(HTML) 2 Page - Amkor Technology

  SWIFT Datasheet HTML 1Page - Amkor Technology SWIFT Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such
information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or damage of
whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not
in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard terms and conditions of sale. Amkor
reserves the right to make changes in its product and specifications at any time and without notice. The Amkor name and logo are
registered trademarks of Amkor Technology, Inc. All other trademarks mentioned are property of their respective companies.
© 2018 Amkor Technology Incorporated. All Rights Reserved. TS110D Rev Date: 9/18
Visit amkor.com or email sales@amkor.com for more information.
SWIFT® Technology
SWIFT Packaging Process Flow
SWIFT product attributes are realized by applying a
unique process flow that incorporates both flip chip
assembly and wafer level processing techniques, as
shown below.
Reliability Data
Component Level
Board Level
MSL2aA,
MSLA3 Precon
Unbiased
HAST 192
hrs
TCB 1500
cycles
HTS 1000
hrs
Drop
Temp
Cycle
Pass
Pass
Pass
Pass
Pass
Pass
SWIFT Packaging Technology Process Flow
Advanced Wafer Product Positioning
Tall Cu Pillars
250 μm pitch
40 μm pitch
< 0.30
mm
Total
Height
Carrier
Carrier
RDL & Copper Pillar
Bump (3D Only)
Chip Attach & UF
Wafer Mold
Carrier Remove
RDL for Memory
Interface
Top Side Routing
for Memory
Interface
f
Multi-die, SoC partition, 3D PoP-compatible
f
≤2 μm L/S routing by foundry BEOL interposer
f
High performance (CPU/GPU), mobile AP, BB
f
Single die
f
RDL ≥10 μm by Amkor bump line
f
RF, WLAN, Power, etc.
Products: RF and analog to advanced processors
Performance
WLCSP
Fan-Out
SWIFT®
f
Multi-die, SoC partition, HBM, 3D PoP-compatible
f
RDL 2~10 μm by Amkor bump line; mobile AP/BB
f
Single or multi-die integration
f
RDL 6~12 μm by Amkor bump line; RFIC & PMIC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com