Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-220FP Datasheet(PDF) 1 Page - Amkor Technology

Part # TO-220FP
Description  TO-220FP is a full pack version of TO-220
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

TO-220FP Datasheet(HTML) 1 Page - Amkor Technology

  TO-220FP Datasheet HTML 1Page - Amkor Technology TO-220FP Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Applications
TO-220FP is suitable for medium to high-voltage MOSFETs and IGBTs used for:
f
Switching power supplies
f
AC adapters
f
Motor drivers
f
Flat panel display
Reliability Qualification
Amkor devices are assembled with proven reliable semiconductor
materials.
f
Temperature cycle: -55~150°C, 500 cycles
f
High temp bias: 150°C for 1000 hrs
f
Solder dip: 260°C/10s
Test Services
Amkor offers full turnkey business for all power discrete products. We have
the capability to test various types of power devices including MOSFETs,
bipolar transistors, IGBTs, diodes and regulator ICs/intelligent power
devices.
f
Amkor power discrete test capability
▷ Static test (DC)
▷ Dynamic test (AC, switching/Trr, capacitance/Rg)
▷ Destruction test (inductive load/VSUS, I latch, surge, isolation/VIL)
▷ Thermal resistance (ΔVDS, ΔmV, etc.)
f
Program generation/conversion
f
Failure analysis
f
Available test/handling technology
f
Integrated marking, vision inspection and tape & reel services
TO-220FP (Full Pack) is a full pack version of TO-220, which has a
better heat dissipation efficiency through Cu clip structure, and
with mounted package height reduced by 2.8 mm compared to
conventional TO-220NIS package.
TO-220FP
DATA SHEET | POWER PRODUCTS
FEATURES
f
Cu clip interconnect for better heat
dissipation efficiency
f
Mounted package height reduced by
2.8 mm vs. standard TO-220NIS
f
Turnkey with test and packing services
f
Green materials: Pb-free plating &
halogen-free mold compound
NEW DEVELOPMENTS
f
Larger/higher density leadframe strips
f
Environmentally-friendly Pb-free
solder paste
PROCESS HIGHLIGHTS
f
Bare copper leadframe with no plating
f
Interconnect: Cu clips for better
electrical and thermal performance
f
Plating: 100% Matte Sn
f
Marking: Pen-type laser


Similar Part No. - TO-220FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TO-220FP STMICROELECTRONICS-TO-220FP Datasheet
47Kb / 2P
TRANSISTOR OUTLINE PACKAGE
logo
Hi-Sincerity Mocroelect...
TO-220FP HSMC-TO-220FP Datasheet
71Kb / 6P
N-Channel Power Field Effect Transistor
logo
Central Semiconductor C...
TO-220FP CENTRAL-TO-220FP Datasheet
519Kb / 2P
8&16 Amp Schottky Rectifiers
logo
Continental Device Indi...
TO-220FP CDIL-TO-220FP Datasheet
233Kb / 5P
Thru-hole Fully Isolated Plastic Package
TO-220FP CDIL-TO-220FP Datasheet
92Kb / 3P
NPN EPITAXIAL PLANAR SILICON DARLINGTON TRANSISTOR
More results

Similar Description - TO-220FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NB100 STMICROELECTRONICS-STP3NB100 Datasheet
44Kb / 6P
N - CHANNEL 1000V - 5.3 ohm - 3 A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1998
STP3NB90 STMICROELECTRONICS-STP3NB90 Datasheet
85Kb / 6P
N - CHANNEL 900V - 4 ohm - 3.5 A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1998
STP6NB80 STMICROELECTRONICS-STP6NB80 Datasheet
44Kb / 6P
N - CHANNEL 800V - 1.6 Ohm - 5.7A - TO-220/TO-220FP
Sep-1998
STP9NB50 STMICROELECTRONICS-STP9NB50 Datasheet
108Kb / 9P
N-CHANNEL 500V - 0.75 ohm - 8.6 A TO-220/TO-220FP PowerMesh MOSFET
May-2000
STP5NK90Z STMICROELECTRONICS-STP5NK90Z Datasheet
342Kb / 12P
N-CHANNEL 900V - 2ohm - 4.5A TO-220/TO-220FP
06-Sep-2005
logo
NXP Semiconductors
BUK124-50L PHILIPS-BUK124-50L Datasheet
166Kb / 13P
Logic level TOPFET TO-220 version of BUK135-50L
January 2003-Rev 1.110
logo
Vishay Siliconix
10ETS12FPPBF VISHAY-10ETS12FPPBF Datasheet
136Kb / 7P
Input Rectifier Diode TO-220 FULL-PAK, 10 A
23-Apr-08
logo
STMicroelectronics
STP9NK65Z STMICROELECTRONICS-STP9NK65Z_07 Datasheet
351Kb / 15P
N-channel 650 V - 1 - 6.4 A TO-220 / TO-220FP
19-Dec-2007
CD00251512 STMICROELECTRONICS-CD00251512 Datasheet
930Kb / 16P
N-channel 525 V, 0.95 ohm, 6 A, DPAK, TO-220FP, TO-220
20-Oct-2010
STD6NK50ZT4 STMICROELECTRONICS-STD6NK50ZT4 Datasheet
404Kb / 12P
N-CHANNEL 500V - 0.93ohm - 5.6A TO-220/TO-220FP/DPAK
Apr-2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com