Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQFP Datasheet(PDF) 2 Page - Amkor Technology

Part # TQFP
Description  Amkor offers a broad line of TQFP (Thin Quad Flat Pack) IC packages.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

TQFP Datasheet(HTML) 2 Page - Amkor Technology

  TQFP Datasheet HTML 1Page - Amkor Technology TQFP Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Visit amkor.com or email sales@amkor.com for more information.
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such
information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or damage of
whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not
in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard terms and conditions of sale. Amkor
reserves the right to make changes in its product and specifications at any time and without notice. The Amkor name and logo are
registered trademarks of Amkor Technology, Inc. All other trademarks mentioned are property of their respective companies.
© 2019 Amkor Technology, Incorporated. All Rights Reserved. DS230H-EN Rev Date: 07/19
TQFP
Reliability Qualification
Amkor devices are assembled in optimized package
designs with proven reliable semiconductor materials.
Commercial Qualification
f
Moisture sensitivity characterization: JEDEC level 3,
30°C/60% RH, 192 hours
f
uHAST: 130°C/85% RH, 96 hours
f
Temp cycle “C”: ‑65°C/+150°C, 500 cycles
f
High temp storage: 150°C, 1000 hours
f
AEC‑Q100 qualified
Process Highlights
f
Die thickness: 11.5 ± .5 mils
f
Strip solder plating: Matte Sn, pre‑plated Ni/Pd
frames, roughened Cu frames
f
Strip marking: Laser
f
Lead inspection: Laser/Optical
f
Wafer backgrinding available
Test Services
f
Program generation/conversion
f
Product engineering support
f
Wafer sort
f
‑55°C to +165°C test available
Shipping
f
JEDEC outline CO‑124 low‑profile tray
f
Barcode
f
Dry pack
f
Tape and reel
Cross Section TQFP
Configuration Options
TQFP Nominal Package Dimensions (mm)
Lead
Count
Body
Size
Body
Thickness
Lead
Form
Standoff
Foot
Length
Tip-to-Tip
JEDEC
Tray
Matrix
Units Per
Tray
32/40
5 x 5
1.00
1.00
0.10
0.60
7.0
MS‑026
12 x 30
360
32/48/64
7 x 7
1.00
1.00
0.10
0.60
9.0
MS‑026
10 x 25
250
44/52/64/80
10 x 10
1.00
1.00
0.10
0.60
12.0
MS‑026
8 x 20
160
80
12 x 12
1.00
1.00
0.10
0.60
14.0
MS‑026
7 x 17
119
52/64/80/100/120/128
14 x 14
1.00
1.00
0.10
0.60
16.0
MS‑026
6 x 15
90
144
16 x 16
1.00
1.00
0.10
0.60
16.0
MS‑026
6 x 15
90
144/176
20 x 20
1.00
1.00
0.10
0.60
22.0
MS‑026
5 x 12
60
Wirebond
Die attach adhesive
Mold compound
A
B
Die attach pad
Cu leadframe
C
D
E
C
A
B
E
D



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com