Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQFP Datasheet (PDF) - Amkor Technology

TQFP Datasheet PDF - Amkor Technology
Part # TQFP
Download  TQFP Download
File Size   673.75 Kbytes
Page   2 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description Amkor offers a broad line of TQFP (Thin Quad Flat Pack) IC packages.

TQFP Datasheet (PDF)

Go To PDF Page Download Datasheet
TQFP Datasheet PDF - Amkor Technology

Part # TQFP
Download  TQFP Click to download

File Size   673.75 Kbytes
Page   2 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description Amkor offers a broad line of TQFP (Thin Quad Flat Pack) IC packages.

TQFP Datasheet (HTML) - Amkor Technology


TQFP Product details

FEATURES
5 x 5 mm to 20 x 20 mm body size with 1.0 mm body height
32-176 lead counts
Broad selection of die pad sizes available
Pre-plated frames available
Inverted pad configuration available
Custom leadframe design available
Cu, Au and Ag wire options
Pb-free and RoHS compliant materials

APPLICATIONS
Amkor’s TQFPs are an ideal package for most IC semiconductor technologies such as ASIC, gate arrays (FPGA/PLD), microcontrollers and PMIC controllers.
TQFP packages are particularly well suited for electronic systems applications requiring broad performance characteristics, including computing, video/ audio, telecommunications, data acquisition, communication boards (ethernet, ISDN, etc.), set-top box and automotive.




Similar Part No. - TQFP

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
TQFP STATSCHIP-TQFP Datasheet
92Kb / 2P
Thin Profile Quad Flat Pack
logo
Amkor Technology
TQFP AMKOR-TQFP Datasheet
411Kb / 2P
Silver Wirebonding
02/22
logo
ATMEL Corporation
TQFP-32 ATMEL-TQFP-32 Datasheet
30Kb / 1P
Socket card
logo
List of Unclassifed Man...
TQFP-44 ETC-TQFP-44 Datasheet
42Kb / 1P
TQFP-44/LQFP-44/PQFP-44/VQFP-44 Stencil (0.8 mm pitch, 10 x 10 mm body)
logo
ATMEL Corporation
TQFP-64 ATMEL-TQFP-64 Datasheet
30Kb / 1P
Socket card
More results


Similar Description - TQFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TQFP48 STMICROELECTRONICS-TQFP48 Datasheet
99Kb / 5P
48-LEAD THIN QUAD FLAT
Apr-2004
logo
STATS ChipPAC, Ltd.
LQFP STATSCHIP-LQFP Datasheet
126Kb / 2P
Low Profile Quad Flat Pack
MQFP STATSCHIP-MQFP Datasheet
103Kb / 2P
Metric Quad Flat Pack
TQFP STATSCHIP-TQFP Datasheet
92Kb / 2P
Thin Profile Quad Flat Pack
QFP-SD STATSCHIP-QFP-SD Datasheet
527Kb / 2P
Stacked Die Quad Flat Pack
QFP-EP STATSCHIP-QFP-EP Datasheet
117Kb / 2P
Exposed Pad Quad Flat Pack
logo
Amkor Technology
CQFP AMKOR-CQFP Datasheet
332Kb / 1P
Ceramic Quad Flat Pack Package
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
Low Profile Quad Flat Pack (LQFP) Packages
PDIP AMKOR-PDIP Datasheet
393Kb / 2P
Amkor?셲 PDIP packages offer
logo
List of Unclassifed Man...
IC201-1004 ETC2-IC201-1004 Datasheet
469Kb / 8P
QFP (Quad Flat Packages, Gullwing Leads)
More results




About Amkor Technology


Amkor Technology is a US-based company that provides outsourced semiconductor packaging and test services. The company was founded in 1968 and is headquartered in Tempe, Arizona, USA.

Amkor's packaging and test services include advanced flip chip and wafer level packaging technologies, as well as through-silicon via (TSV) solutions. These services are used by semiconductor manufacturers to package and test their integrated circuits (ICs) for use in a wide range of applications, including mobile devices, automotive, networking, and computing.

Amkor operates factories and facilities in Asia, Europe, and the Americas, and has a global network of design and development centers. The company has a strong focus on innovation and research and development, and its packaging and test technologies are designed to improve the performance, reliability, and cost-effectiveness of its customers' products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com