Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV Datasheet(PDF) 1 Page - Amkor Technology

Part # TSV
Description  Through Silicon Via (TSV) interconnects serve a wide range of 2.5D packaging applications and architectures.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

TSV Datasheet(HTML) 1 Page - Amkor Technology

  TSV Datasheet HTML 1Page - Amkor Technology TSV Datasheet HTML 2Page - Amkor Technology TSV Datasheet HTML 3Page - Amkor Technology TSV Datasheet HTML 4Page - Amkor Technology TSV Datasheet HTML 5Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNOLOGY SOLUTIONS
Through
Silicon Via (TSV)
Through Silicon Via (TSV) interconnects serve a wide range of 2.5D
packaging applications and architectures. TSV technology allows state
of the art packages to meet high performance, low-energy demands.
Through Silicon Via (TSV)
Wafer Finishing & Flip Chip Placement
Through Silicon Via (TSV) interconnects have emerged to serve a wide
range of 2.5D TSV packaging applications and architectures that demand
very high performance and functionality at the lowest energy/performance
metric. To enable the use of TSVs in these 2.5D TSV architectures, Amkor
has developed a number of backend technology platforms for high
volume processing of TSV-bearing wafers and assembly. It is important to
distinguish that Amkor does not provide TSV formation in foundry wafers.
Amkor’s TSV wafer process begins with 300 mm wafers in which “blind”
TSVs have already been formed. Amkor’s wafer process includes thinning
the wafers to expose the TSVs and creating backside (BS) metallization to
complete the TSV interconnect structure.
The TSV reveal and BS metallization process flow is commonly referred
to as Middle-End-Of-Line (MEOL). Amkor’s MEOL production tooling and
processes include:
f
Temporary wafer support bonding and de-bonding
f
TSV wafer thinning
f
TSV “soft” reveal, wafer backside passivation and chemo-mechanical
planarization (CMP)
f
Cu redistribution as required on the interposer wafer backside
f
Lead-free plating of Cu micro-pillars or C4 backside interconnects
Amkor’s Role in 2.5D TSV Packaging With TSV
Interconnects
Amkor has enabled TSV technology solutions for the backend processing
of TSV wafers (MEOL), bumping and 2.5D TSV assemblies. This requires
advanced capability in the following key areas:
f
Wafer support bonding and de-bonding of TSV-bearing wafers
▷ Temporary Wafer Support System (WSS) for thin wafer management
f
TSV MEOL processing
▷ Bonding and de-bonding of TSV-bearing wafers
▷ Wafer thinning to 100 μm (nominal) or thinner for 2.5D TSV products
(per customer requirements)
▷ Wafer backside passivation
▷ TSV reveal process including CMP


Similar Part No. - TSV

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSV SUNTAN-TSV Datasheet
1Mb / 11P
ZINC OXIDE VARISTOR
logo
TRACO Electronic AG
TSV TRACOPOWER-TSV Datasheet
196Kb / 3P
DC/DC Converters TSV Series, 1 Watt
Rev. August 3, 2022
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
LED Drivers
TSV-300S028ST ETC2-TSV-300S028ST Datasheet
594Kb / 2P
LED Drivers
TSV-300S036ST ETC2-TSV-300S036ST Datasheet
594Kb / 2P
LED Drivers
More results

Similar Description - TSV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB42AC3 TI-TSB42AC3 Datasheet
766Kb / 70P
General purpose link layer ideal for a wide-range of applications
logo
List of Unclassifed Man...
WF15-40B410 ETC2-WF15-40B410 Datasheet
282Kb / 8P
Fork sensors for a wide range of applications
logo
Littelfuse
D0100 LITTELFUSE-D0100 Datasheet
2Mb / 1P
Fits into wide range of Arc-Flash applications
logo
PHOENIX CONTACT
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
Wide range of SAC... nuts for various different applications
1403841 PHOENIX-1403841 Datasheet
76Kb / 4P
Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1414686 PHOENIX-1414686 Datasheet
79Kb / 4P
Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1414697 PHOENIX-1414697 Datasheet
75Kb / 4P
Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1414732 PHOENIX-1414732 Datasheet
77Kb / 4P
Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1414757 PHOENIX-1414757 Datasheet
80Kb / 4P
Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
1582562 PHOENIX-1582562 Datasheet
81Kb / 4P
Robust throughout: housing with IP68/IP69K and IK07 protection for a wide range of applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com