Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV Datasheet(PDF) 2 Page - Amkor Technology

Part # TSV
Description  Through Silicon Via (TSV) interconnects serve a wide range of 2.5D packaging applications and architectures.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

TSV Datasheet(HTML) 2 Page - Amkor Technology

  TSV Datasheet HTML 1Page - Amkor Technology TSV Datasheet HTML 2Page - Amkor Technology TSV Datasheet HTML 3Page - Amkor Technology TSV Datasheet HTML 4Page - Amkor Technology TSV Datasheet HTML 5Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Application
GPU
GPU
AI
GPU
Large Interposer
2.5D
Stacked Substrate
(Cost Effective 2.5D)
Configuration
ASIC + HBM
ASIC + 4HBM
ASIC + 6HBM
ASIC + 6HBM
2ASIC + 8HBM
ASIC + 6HBM
Pkg
41 x 31 mm
55 x 55 mm
55 x 55 mm
55 x 58 mm
85 x 85 mm
55 x 55 ABF
85 x 85 HDI
Interposer
27 x 15 mm
43 x 34 mm
43 x 37 mm
47 x 34 mm
54 x 46 mm
45 x 34 mm
ASIC
17 x 33 mm
32 x 26 mm
33 x 26 mm
33 x 26 mm
85 x 85 mm
32 x 24 mm
Si Node
14 nm
12 nm
7 nm
5 nm
TV
TV
Memory
HBM2
HBM2
HBM2
HBM2E/3
HBM2E TV
HBM2E TV
Status
LVM 2019
HVM 2019
HVM 2020
HVM 2023
Internally Qualified
2022
Customer Qualified
Floor Plan
HDI Substrate
ABF Substrate
Substrate
Si Interposer
Logic
Memory/
Small Logic
Through Silicon Via (TSV)
2.5D TSV Platform
Examples of 2.5D TSV products are shown to
demonstrate Amkor’s production capabilities.
f
Advanced assembly technology
▷ Micro-Cu pillar bumping of functional die
▷ Chip on Wafer (CoW) flip chip attach of
functional die
▷ 300 mm interposer wafer molding
▷ Molded wafer backgrinding
▷ Large, molded CoW module attach to organic
substrate
▷ 25-60 mm FCBGA body sizes for 2.5D TSV
assembly integration
▷ Bare die (with stiffener), lidded and overmolded
final assembly options available
▷ Intermediate electrical test for partially
assembled modules (if customer design allows)
f
Advanced TSV wafer finishing
▷ Frontside and backside interposer wafer
bumping
▷ 40 μm pitch Cu pillar and landing pad
micro-bumps
f
Backside Cu redistribution qualified for the 2.5D TSV
platform



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com