Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLSIP Datasheet(PDF) 1 Page - Amkor Technology

Part # WLSIP
Description  Embedded Wafer Level System Integration
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

WLSIP Datasheet(HTML) 1 Page - Amkor Technology

  WLSIP Datasheet HTML 1Page - Amkor Technology WLSIP Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Wafer Level System Integration
Amkor Technology was among the first in the world to offer Wafer Level Fan-
Out (WLFO) packaging, enabling a wide range of embedded heterogeneous
system integration package solutions. These include: Wafer Level System-in-
Package (WLSiP) a single or multiple die, with or without passives or sensors
integration and 3D package stacking solutions (WL3D), including wafer level
Package-on-Package (PoP) and face-to-face package assembly.
Tailoring the best solutions requires a deep understanding of customer
needs. Amkor’s package solutions are collaboratively developed, which often
involves cooperation from the earliest stage of the chip-package-board co-
design. Amkor is recognized for its proficiency in advanced packaging, and
is known for a portfolio of innovative solutions manufactured in volume.
These include the largest reliable WLCSP to date.
By relying on an experienced in-house R&D team to design and develop
innovative package and system solutions for a wide range of applications,
we enable products from concept to market.
As a leader in wafer-level packaging, Amkor offers world-class, turnkey
solutions on state-of-the-art 300 mm wafer-processing equipment. In
addition, we consistently deliver the best results in key metrics such as time
to market, cost efficiency and yield.
Reliability: Board Level Tests
With a wide range of different WLSiP and WL3D package constructions and
configurations possible, customer requirements are implemented in each
product developed and reliability results are realized based on technical
capabilities.
WLSiP & WL3D
DATA SHEET | WAFER LEVEL PRODUCTS
Test
Specification
Criteria
Lower Complexity WLSiP
Temperature Cycling on Board
(TCoB)
IPC-9701 Condition TC3
-40°C/+125°C, 1 Cy/Hr
1000x
Drop Test (DT)
JEDEC JESD-22-B111
100 Drops
Higher Complexity WL3D
Temperature Cycling on Board
(TCoB)
IPC-9701 Condition TC3
-40°C/+125°C, 1 Cy/Hr
1000x
Drop Test (DT)
JEDEC JESD-22-B111
30 Drops
Temperature Humidity Bias
(THB)
JEDEC JESD-22-A101
85°C/85% RH/Vcc, 1000 Hours
ADVANCED PACKAGING
SOLUTIONS
f
WLSiP side-by-side multi-chip modules
f
WLSiP with passives and leadless
package integration
f
Portfolio of WLSiP configurations
range from 2 x 3 mm2 (2 components)
to 33 x 28 mm2 (10 components)
f
WL3D Package-on-Package (PoP)
achieved by stacking WLSiP and other
package types using Through Package
Vias (TPV)
f
3D integration realized by F2F
assembly of flip chip to WLFO package
APPLICATIONS
f
Mobile and consumer products,
baseband, RF/wireless, analog, power
management
f
ASIC, MEMS, sensors, system solutions
for medical, security, encryption,
DC/DC converter, radar and
automotive
f
Electro-optical WLSiP, solutions for
M2M communication and Internet of
Things (IoT)
f
Extension of the technology platform
to a wider field of application areas is
ongoing


Similar Part No. - WLSIP

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
WLS KGS-WLS Datasheet
210Kb / 1P
PCB spacer for space saving
WLS-03-0 KGS-WLS-03-0 Datasheet
210Kb / 1P
PCB spacer for space saving
WLS-04-0 KGS-WLS-04-0 Datasheet
210Kb / 1P
PCB spacer for space saving
WLS-06-0 KGS-WLS-06-0 Datasheet
210Kb / 1P
PCB spacer for space saving
WLS-08-0 KGS-WLS-08-0 Datasheet
210Kb / 1P
PCB spacer for space saving
More results

Similar Description - WLSIP

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EC INTEL-80C186EC Datasheet
790Kb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
logo
Amkor Technology
CSPNL AMKOR-CSPNL Datasheet
157Kb / 2P
Wafer Level Packaging
logo
Intel Corporation
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
logo
STMicroelectronics
AN4324 STMICROELECTRONICS-AN4324 Datasheet
858Kb / 31P
STC3115 system integration
12-Nov-2014
logo
ATMEL Corporation
ATDH40M ATMEL-ATDH40M Datasheet
507Kb / 13P
Programmable System Level Integration Prototyping System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com