Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA58 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SA58
Description  500 Watts Transient Voltage Suppressor Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SA58 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SA58 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SA58 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SA58 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SA58 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SA58 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RATINGS AND CHARACTERISTIC CURVES (SA SERIES)
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT UNIDIRECTIONAL ONLY
1
10
100
10
200
100
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.1- PEAK PULSE POWER RATING CURVE
0.1
ms
100ms
1,000ms
10,000ms
10ms
1ms
0.1
40
10
1
tp, PULSE WIDTH, sec.
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
T =25 C
A
0
IMPULSE
EXPONENTIAL
DECAY
HALF SINE
SQUARE
CURRENT WAVEFORM
ld
ld
PPK
PPK
PPK 5
O
ld
ld=7lp
FIG.3-
PULSE WAVEFORM
CLAMPING POWER
0
0
1.0
2.0
3.0
4.0
100
50
t, TIME, ms
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS
to 50% of lPPM
td
tr=10 sec.
m
10/1000 sec. WAVEFORM
as DEFINED by R.E.A.
m
PEAK VALUE
lPPM
HALF VALUE- lPPM
2
150
FIG.5- TYPICAL JUNCTION CAPACITANCE
(UNIDIRECTIONAL)
V( ), BREAKDOWN VOLTAGE. VOLTS
BR
VR=0
Tj =25 C
f = 1.0MHz
Vsig = 50 mVp-p
O
MEASURED at
STAND-OFF
VOLTAGE, VWM
1
10
100
200
10
100
1000
6000
FIG.2- POWER DERATING CURVE
0
25
50
75
100
125
150
175
200
0
25
50
75
100
TEMPERATURE, C
o
Version: B07
1.6 X 1.6 X .040"
(40 X 40 X 1mm.)
COPPER HEAT SINKS
L=0.375"(9.5mm)
LEAD LENGTHS
T
LEAD TEMPERATURE
L,
T
AMBIENT TEMPERATURE
A,



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com