Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA58 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SA58
Description  500 Watts Transient Voltage Suppressor Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SA58 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SA58 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SA58 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SA58 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SA58 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SA58 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions in inches and (millimeters)
- 560 -
Version: B07
SA SERIES
500 Watts Transient Voltage Suppressor Diodes
DO-15
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
500W surge capability at 10 X 1000us
waveform, duty cycle: 0.01%
Excellent clamping capability
Low zener impedance
Fast response time: Typically less than 1.0ps
from 0 volts to VBR for unidirectional and
5.0 ns for bidirectional
Typical IR less than 1
μA above 10V
High temperature soldering guaranteed:
260
oC / 10 seconds / .375”,(9.5mm) lead length
/ 5lbs.,(2.3kg) tension
Mechanical Data
Case: Molded plastic
Lead: Pure tin plated lead free, solderable per
MIL-STD-202, Method 208
Polarity: Color band denotes cathode except
bipolar
Weight: 0.34 gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
P
eak Power Dissipation at TA=25
oC, Tp=1ms (Note 1)
PPK
Minimum 500
Watts
Steady State Power Dissipation at TL=75
oC
Lead Lengths .375”, 9.5mm (Note 2)
PD
3.0
Watts
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 3)
IFSM
70
Amps
Maximum Instantaneous Forward Voltage at 35.0A for
Unidirectional Only
VF
3.5
Volts
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 175
oC
Notes:
1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
oC Per Fig. 2.
2. Mounted on Copper Pad Area of 1.6 x 1.6” (40 x 40 mm) Per Fig. 2.
3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minutes Maximum.
Devices for Bipolar Applications
1. For Bidirectional Use C or CA Suffix for Types SA5.0 through Types SA170.
2. Electrical Characteristics Apply in Both Directions.


Similar Part No. - SA58

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA58 PANJIT-SA58 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA58 WTE-SA58 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA58 BYTES-SA58 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA58 DCCOM-SA58 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA58 EIC-SA58 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA58

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
P6KE FUJI-P6KE Datasheet
368Kb / 4P
600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
SA TSC-SA_10 Datasheet
667Kb / 5P
500 Watts Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
P6KE6.8 LUGUANG-P6KE6.8 Datasheet
629Kb / 5P
600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
SA TSC-SA_13 Datasheet
320Kb / 7P
500 Watts Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
P6KE480A LUGUANG-P6KE480A Datasheet
382Kb / 4P
600 Watts Transient Voltage Suppressor Diodes
P6KE480 LUGUANG-P6KE480 Datasheet
388Kb / 4P
600 Watts Transient Voltage Suppressor Diodes
P4KE600 LUGUANG-P4KE600 Datasheet
411Kb / 4P
400 Watts Transient Voltage Suppressor Diodes
P4KE550A LUGUANG-P4KE550A Datasheet
411Kb / 4P
400 Watts Transient Voltage Suppressor Diodes
P4KE550 LUGUANG-P4KE550 Datasheet
411Kb / 4P
400 Watts Transient Voltage Suppressor Diodes
P6KE51 LUGUANG-P6KE51 Datasheet
4Mb / 5P
600 Watts Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com