Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5323K034B Datasheet(PDF) 13 Page - RICOH electronics devices division

Part # R5323K034B
Description  150mA 2ch LDO REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5323K034B Datasheet(HTML) 13 Page - RICOH electronics devices division

Back Button R5323K034B Datasheet HTML 9Page - RICOH electronics devices division R5323K034B Datasheet HTML 10Page - RICOH electronics devices division R5323K034B Datasheet HTML 11Page - RICOH electronics devices division R5323K034B Datasheet HTML 12Page - RICOH electronics devices division R5323K034B Datasheet HTML 13Page - RICOH electronics devices division R5323K034B Datasheet HTML 14Page - RICOH electronics devices division R5323K034B Datasheet HTML 15Page - RICOH electronics devices division R5323K034B Datasheet HTML 16Page - RICOH electronics devices division R5323K034B Datasheet HTML 17Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
R5323x
13
2.8V (VR1)
2.8V (VR2)
20
40
100
80
0
-50
-25
25
50
75
100
60
VIN=3.8V
0
Temperature Topt(
°C)
20
40
100
80
0
-50
-25
25
50
75
100
60
VIN=3.8V
0
Temperature Topt(
°C)
4.0V (VR1)
4.0V (VR2)
20
40
100
80
0
-50
-25
25
50
75
100
60
VIN=5.0V
0
Temperature Topt(
°C)
20
40
100
80
0
-50
-25
25
50
75
100
60
VIN=5.0V
0
Temperature Topt(
°C)
7) Dropout Voltage vs. Set Output Voltage (Topt
=25°C)
VR1
VR2
Set Output Voltage Vreg(V)
0.6
0.5
0
13
4
0.3
0.2
0.4
0.1
2
10mA
30mA
50mA
150mA
0.6
0.5
0
13
4
0.3
0.2
0.4
0.1
2
Set Output Voltage Vreg(V)
10mA
30mA
50mA
150mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com