Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5323K034B Datasheet(PDF) 21 Page - RICOH electronics devices division

Part # R5323K034B
Description  150mA 2ch LDO REGULATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5323K034B Datasheet(HTML) 21 Page - RICOH electronics devices division

Back Button R5323K034B Datasheet HTML 17Page - RICOH electronics devices division R5323K034B Datasheet HTML 18Page - RICOH electronics devices division R5323K034B Datasheet HTML 19Page - RICOH electronics devices division R5323K034B Datasheet HTML 20Page - RICOH electronics devices division R5323K034B Datasheet HTML 21Page - RICOH electronics devices division R5323K034B Datasheet HTML 22Page - RICOH electronics devices division R5323K034B Datasheet HTML 23Page - RICOH electronics devices division R5323K034B Datasheet HTML 24Page - RICOH electronics devices division R5323K034B Datasheet HTML 25Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
R5323x
21
ESR vs. Output Current
R5323N/K 1.5V (VR1)
R5323N/K 1.5V (VR2)
Output Current IOUT(mA)
100
1
0.1
0.01
10
0
50
100
150
Topt=25
°C, CIN=COUT=Ceramic 1.0µF,
VIN=25V, f=10Hz to 2MHz(BW=30Hz)
100
1
0.1
0.01
10
0
50
100
150
Topt=25
°C, CIN=COUT=Ceramic 1.0µF,
VIN=25V, f=10Hz to 2MHz(BW=30Hz)
Output Current IOUT(mA)
R5323N/K 2.8V (VR1)
R5323N/K 2.8V (VR2)
100
1
0.1
0.01
10
0
50
100
150
Output Current IOUT(mA)
CIN=COUT=Ceramic 1.0
µF, VIN=2.5V,
f=10Hz to 2MHz(BW=30Hz)
100
1
0.1
0.01
10
0
50
100
150
CIN=COUT=Ceramic 1.0
µF, VIN=2.5V,
f=10Hz to 2MHz(BW=30Hz)
Output Current IOUT(mA)
R5323Z 1.5V (VR1/VR2)
R5323Z 2.8V (VR1/VR2)
100
10
1
0.1
0.01
Output Current IOUT(mA)
0
100
50
150
CIN=Ceramic 1.0
µF, COUT=Ceramic 1.0µF
100
10
1
0.1
0.01
Output Current IOUT(mA)
0
100
50
150
CIN=Ceramic 1.0
µF, COUT=Ceramic 1.0µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com