Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1202 Datasheet(PDF) 1 Page - Analogix Semiconductor, Inc.

Part # SP1202
Description  SlimPort®to VGA Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.

SP1202 Datasheet(HTML) 1 Page - Analogix Semiconductor, Inc.

  SP1202 Datasheet HTML 1Page - Analogix Semiconductor, Inc. SP1202 Datasheet HTML 2Page - Analogix Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AA-000858-PB-4
August 2014
Preliminary
SP2003
Product Brief
SlimPort®to VGA Adapter
The SP2003 adapter connects SlimPort or Mobility DisplayPort™ (MyDP) enabled mobile devices to VGA monitors or
projectors, allowing videos and pictures from your mobile device to be viewed in resolutions up to 1080p@ 60Hz.
Features
!
Video output
− VGA female connection to projector or monitor
− Supports resolutions up to1080p@60Hz
!
Standards compliance
− SlimPortcertified
− VESA MyDP 1.0compliant
− FCC Part 15 Class B EMI compliant
− CE certified
− RoHS II compliant
− Halogen free
!
Electrical requirements
− 350mW with VGA output
− Optional 5V/1.5A (±10%) fast charging
!
Other features
− 400k hours MTBF
− 1 year guarantee
− 0 to +45°C operating temperature
− -5 to +75°C storage temperature
− 5 to 95% relative humidity
− 0.0.5Kg
− Plug-and-play functionality
− ± 4kV ESD contact
− ± 8kV ESD air
!
Physical specifications
− VGA molding: 4.26cm * 2.7cm * 1.4cm
− Micro-USB molding:1.9cm * 1.08cm * 0.659cm
− Color CMYK: black - 10:10:10:100, white -
0:0:0:0, DP Logo red - 0:80:90:00
− Length: 15cm
!
Package
− Sealed ESD Protected Plastic Bag
− 21cm*16.5cm
− Bar code identification sticker


Similar Part No. - SP1202

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
SP1202 ANALOGIX-SP1202 Datasheet
1,021Kb / 2P
SlimPort®to HDMI® and VGA Adapter
August 2014
SP1202 ANALOGIX-SP1202 Datasheet
477Kb / 2P
SlimPort®to HDMI® Adapter
August 2014
SP1202 ANALOGIX-SP1202 Datasheet
383Kb / 2P
SlimPort®-4K HDMI™ Adapter
March 2016
SP1202 ANALOGIX-SP1202 Datasheet
404Kb / 2P
SlimPort® NANO●CONSOLE™
March 2016
More results

Similar Description - SP1202

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
DVIP012+5-VGA15S-G YAMAICHI-DVIP012+5-VGA15S-G Datasheet
32Kb / 1P
DVIP / VGA Adapter
logo
List of Unclassifed Man...
628-000-924 ETC2-628-000-924 Datasheet
380Kb / 2P
DVI - analog to 15 pin VGA adapter
logo
Tripp Lite. All Rights ...
P131000 TRIPPLITE-P131000 Datasheet
518Kb / 2P
HDMI Male to VGA Female Adapter
P134000VGAV2 TRIPPLITE-P134000VGAV2 Datasheet
519Kb / 2P
DisplayPort 1.2 to VGA Compact Adapter Converter (DP-Male to VGA-Female)
U244001VGAR TRIPPLITE-U244001VGAR Datasheet
537Kb / 2P
USB 2.0 to VGA Adapter, 128MB - 1920x1200,1080p
P134-000-VGA-V2 TRIPPLITE-P134-000-VGA-V2 Datasheet
172Kb / 2P
DisplayPort 1.2 to VGA Active Compact Adapter (DP-Male to VGA-Female)
logo
IOGEAR
GDPVGAW6 IOGEAR-GDPVGAW6 Datasheet
132Kb / 2P
DisplayPort to VGA Adapter Cable
GMDPVGAW6 IOGEAR-GMDPVGAW6 Datasheet
130Kb / 2P
Mini DisplayPort to VGA Adapter Cable
GDVIMVGAF IOGEAR-GDVIMVGAF Datasheet
132Kb / 2P
DVI-A (M) to VGA (F) Adapter
logo
NXP Semiconductors
PTN3355 NXP-PTN3355 Datasheet
964Kb / 37P
Low power DisplayPort to VGA adapter with integrated 1 : 2 VGA switch
4 November 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com