Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-LVDS7-WSVGA Datasheet(PDF) 3 Page - STMicroelectronics

Part # B-LVDS7-WSVGA
Description  7-inch WSVGA TFT LCD module with LVDS interface and capacitive touchscreen
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B-LVDS7-WSVGA Datasheet(HTML) 3 Page - STMicroelectronics

  B-LVDS7-WSVGA Datasheet HTML 1Page - STMicroelectronics B-LVDS7-WSVGA Datasheet HTML 2Page - STMicroelectronics B-LVDS7-WSVGA Datasheet HTML 3Page - STMicroelectronics B-LVDS7-WSVGA Datasheet HTML 4Page - STMicroelectronics B-LVDS7-WSVGA Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1.2
Codification
The meaning of the codification is explained in Table 2.
Table 2. Codification explanation
B-XXXXX-YYYYY
Description
Example: B-LVDS7-WSVGA
B
Board kind
Accessory board
XXXXX
Board type
LVDS7: 7.0" display module with LVDS interface
YYYYY
Specific features
WSVGA: Wide super VGA resolution of 1024 × 600 pixels
B-LVDS7-WSVGA
Ordering information
DB5283 - Rev 1
page 3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com