Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-LVDS7-WSVGA Datasheet(PDF) 1 Page - STMicroelectronics

Part # B-LVDS7-WSVGA
Description  7-inch WSVGA TFT LCD module with LVDS interface and capacitive touchscreen
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B-LVDS7-WSVGA Datasheet(HTML) 1 Page - STMicroelectronics

  B-LVDS7-WSVGA Datasheet HTML 1Page - STMicroelectronics B-LVDS7-WSVGA Datasheet HTML 2Page - STMicroelectronics B-LVDS7-WSVGA Datasheet HTML 3Page - STMicroelectronics B-LVDS7-WSVGA Datasheet HTML 4Page - STMicroelectronics B-LVDS7-WSVGA Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
•
TFT LCD module with capacitive touch panel:
–
Display size: 7.0”
–
Format: 1024 (RGB) × 600 pixels
–
16.7M display colors
–
Overall dimensions (W × H × D mm): 166.2 × 100.3 × 11
–
Active area (W × H mm): 154.2144 × 85.92
–
LCD type: IPS
–
Viewing direction: Super wide view
–
Interface mode: LVDS
–
Multitouch (five fingers) capacitive touch panel
–
3.3 V power supply for LCD and touch panel, 5 V power supply for
backlight
Description
The B-LVDS7-WSVGA module provides a 7.0” TFT LCD with capacitive touch panel.
The interface mode is LVDS. LVDS cable and display stand are supplied.
B-LVDS7-WSVGA global view. Picture is
not contractual.
Product status link
B-LVDS7-WSVGA
7-inch WSVGA TFT LCD module with LVDS interface and capacitive touchscreen
B-LVDS7-WSVGA
Data brief
DB5283 - Rev 1 - June 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - B-LVDS7-WSVGA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
B-L072Z-LRWAN1 STMICROELECTRONICS-B-L072Z-LRWAN1 Datasheet
304Kb / 4P
157 dB maximum link budget
30-Jan-2017
B-L072Z-LRWAN1 STMICROELECTRONICS-B-L072Z-LRWAN1 Datasheet
3Mb / 26P
STM32 development boards
B-L462E-CELL1 STMICROELECTRONICS-B-L462E-CELL1 Datasheet
3Mb / 26P
STM32 development boards
B-L475E-IOT01A STMICROELECTRONICS-B-L475E-IOT01A Datasheet
8Mb / 4P
STMod connector expansion board for STM32 Nucleo
10-Apr-2018
B-L475E-IOT01A STMICROELECTRONICS-B-L475E-IOT01A Datasheet
279Kb / 4P
Discovery kit for IoT node, multi-channel communication with STM32L4
July 2018
More results

Similar Description - B-LVDS7-WSVGA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS88 TI-SN75LVDS88 Datasheet
149Kb / 12P
TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88A TI-SN75LVDS88A Datasheet
150Kb / 12P
TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88B TI-SN75LVDS88B Datasheet
150Kb / 12P
TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
logo
Purdy Electronics Corpo...
ANDPSI056ET1S-HB PURDY-ANDPSI056ET1S-HB Datasheet
243Kb / 5P
5.61??WSVGA Color p-Si TFT LCD Module
ANDPSI089C362S PURDY-ANDPSI089C362S Datasheet
242Kb / 6P
8.90??WSVGA Color p-Si TFT LCD Module
ANDPSI089C362S-4HB PURDY-ANDPSI089C362S-4HB Datasheet
279Kb / 6P
8.90??WSVGA Color p-Si TFT LCD Module
ANDPSI089C362S-KIT PURDY-ANDPSI089C362S-KIT Datasheet
427Kb / 10P
8.90??WSVGA Color p-Si TFT LCD Module
logo
Schurter Inc.
TOUCHKIT SCHURTER-TOUCHKIT Datasheet
403Kb / 3P
Touchkit with capacitive touchscreen
logo
STMicroelectronics
STM32H753I-EVAL STMICROELECTRONICS-STM32H753I-EVAL Datasheet
1Mb / 6P
5.7??640×480 TFT color LCD with touchscreen
Rev 3 - June 2019
logo
NORITAKE CO., LIMITED
GT800X480A-C903PA NORITAKE-GT800X480A-C903PA Datasheet
739Kb / 20P
TFT LCD Module with MPCT (Metallised Projective Capacitive Touch)
June 27, 2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com