Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7020SR-32C2-R Datasheet(PDF) 8 Page - Arista Networks, Inc

Part # DCS-7020SR-32C2-R
Description  7020R Series Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7020SR-32C2-R Datasheet(HTML) 8 Page - Arista Networks, Inc

Back Button DCS-7020SR-32C2-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7020SR-32C2-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7020SR-32C2-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7020SR-32C2-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7020SR-32C2-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7020SR-32C2-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7020SR-32C2-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7020SR-32C2-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7020SR-32C2-R Datasheet HTML 10Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
7020R Series | Technical Speci cations
Supported SFP Optics and Cables
Interface Type
SFP+ ports
10GBASE-CR
SFP+ to SFP+: 0.5m-5m
10GBASE-AOC
SFP+ to SFP+: 3m-30m
10GBASE-SRL
100m (OM3) / 150m (OM4)
10GBASE-SR
300m (OM3) / 400m (OM4)
10GBASE-LRL
1km SMF
10GBASE-LR
10km SMF
10GBASE-ER
40km
10GBASE-ZR
80km
10GBASE-DWDM
80km
100/1000BASE-T, 1GbE SX/LX
Yes
Environmental Characteristics
Operating Temperature
0 to 40˚C (32 to 104˚F)
Storage Temperature
-40 to 70˚C (-40 to 158˚F)
Relative Humidity
5 to 95%
Operating Altitude
0 to 10,000 ft, (0-3,000m)
Standards Compliance
EMC
FCC Class A, ICES-003, EN 55032, EN IEC
61000-3-2:2019, EN 61000-3-3
Immunity
EN 55035
EN 300 386
Safety
EN 62368-1:2014 + A11:2017
IEC-62368-1:2014
Certi cations
BSMI (Taiwan)
CE (European Union)
KCC (South Korea)
NRTL (North America)
RCM (Australia/New Zealand)
UKCA (United Kingdom)
VCCI (Japan)
European Union
Directives
2014/35/EU Low Voltage Directive
2014/30/EU EMC Directive
2012/19/EU WEEE Directive
2011/65/EU RoHS Directive
2015/863/EU Commission Delegated
Directive
Further Information Product Certi cation Portal
Supported QSFP Optics and Cables
Interface Type
40G QSFP ports
10GBASE-CR
0.5m-5m QSFP+ to 4x SFP+
40GBASE-CR4
QSFP+ to QSFP+: 0.5m-5m
40GBASE-AOC
3m to 100m
40GBASE-UNIV
150m (OM3) / 150m (OM4), 500m (SM)
40GBASE-SRBD
100m (OM3) /150m (OM4)
40GBASE-SR4
100m (OM3) / 150m (OM4)
40GBASE-XSR4
300m (OM3) / 400m (OM4)
40GBASE-PLRL4
1km (1km 4x10G LR/LRL)
40GBASE-PLR4
10km (10km 4x10G LR/LRL)
40GBASE-LRL4
1km
40GBASE-LR4
10km
40GBASE-ER4
40km
100GbE
100G QSFP ports
100GBASE-SR4
70m OM3 / 100m OM4 Parallel MMF
100GBASE-XSR4
170m OM3 / 300m OM4 Parallel MMF
100GBASE-SRBD
70m OM3 / 100m OM4 duplex MMF
100GBASE-SWDM4
70m OM3 / 100m OM4 duplex MMF
100GBASE-LR
10km SM Duplex
100GBASE-LR4
10km SM duplex
100GBASE-LRL4
2km SM duplex
100GBASE-CWDM4
2km SM duplex
100GBASE-FR
2km SM Duplex
100GBASE-DR
500m SM Duplex
100GBASE-PSM4
500m SM Parallel
100GBASE-AOC
3m to 30m
100GBASE-ERL4
40km SM duplex
100GBASE-CR4
QSFP to QSFP: 1m to 5m
25GBASE-CR
QSFP to SFP25: 1m to 3m lengths



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com