Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7020SR-32C2-R Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # DCS-7020SR-32C2-R
Description  7020R Series Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7020SR-32C2-R Datasheet(HTML) 2 Page - Arista Networks, Inc

  DCS-7020SR-32C2-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7020SR-32C2-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7020SR-32C2-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7020SR-32C2-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7020SR-32C2-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7020SR-32C2-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7020SR-32C2-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7020SR-32C2-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7020SR-32C2-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
7020R Series | Platform Overview
High Availability
The Arista 7020R switches were designed for continuous operations
with system wide monitoring of both hardware and software
components, simple serviceability and provisioning to prevent single
points of failure. Key high availability features include:
• 1+1 hot-swappable power supplies and four hot-swap fans provide
dynamic temperature control combined with N+1 redundancy
• Color coded PSU’s and fans that deliver platinum level power
e ciency
• Live software patching
• Self healing software with Stateful Fault Repair (SFR)
• Up to 32 ports per link aggregation group (LAG)
• Multi-chassis LAG for active/active L2 multi-pathing
• 128-way ECMP routing for load balancing and redundancy
Interconnected 1G Servers with Arista Leaf-Spine Design
Scaling Data Center Performance
The Arista 7020R series delivers line rate switching at layer 2 and layer 3
to enable dramatically faster and simpler network designs for data
centers that lowers the network capital and operational expenses.
When used in conjunction with the Arista 7000 series of xed and
modular switches it allows networks to scale to over 80,000 1G servers
in a high performance and low-latency two-tier network that provides
predictable and consistent application performance. The exibility of
the L2 and L3 multi-path design options combined with support for
open standards provides maximum exibility, scalability and network
wide virtualization. Arista EOS advanced features provide control and
visibility with single point of management.
Non Blocking Scale to +80,000 Servers
……….
Rack 1
Rack 2
Rack 575
Rack 576
ECMP Spine
7020R – 1G Servers and 10G Uplinks
10/100G Uplinks
7020R
7020R
7020TR and 7020TRA Rear View:
Front to Rear and Rear to Front
Hot swap fan modules
Hot swap power supplies
Model Overview
The 7020SR-24C2 and 7020SRG-24C2 are 1RU systems with 24 10G
SFP+ ports and 2 100G QSFP ports o ering wire speed performance
with an overall throughput up to 880 Gbps. Each SFP+ port o ers a
choice of 1GbE and 10GbE modes with no restrictions. The 2 QSFP
ports support wire speed 100G and can be broken out for a choice of
10G, 25G or 40G modes allowing easy transitions and maximum
exibility, as a dedicated server leaf, hyper converged infrastructure or
as an edge router with 10G and 100G connections. 7020SRG support
for IPsec increases the roles allowing for site-site VPNs or data-center
interconnect. The 7020SR models include support for Accelerated
sFlow.
The 7020SR-32C2 are 1RU systems with 32 10G SFP+ ports and 2
100G QSFP ports o ering wire speed performance with an overall
throughput up to 1.04Tbps. Each SFP+ port o ers a choice of 1GbE
and 10GbE modes with no restrictions. The 2 QSFP ports support wire
speed 100G and can be broken out for a choice of 10G, 25G or 40G
modes allowing maximum exibility, as a dedicated edge router with
1/10G and 100G connections..
The 7020TR-48 and 7020TRA-48 are 1RU systems with 48 100Mb/
1G RJ45 ports and 6 10G SFP+ ports o ering wire speed performance
with an overall throughput up to 216 Gbps. Each SFP+ port allows for
both 1G and 10G modes, ensuring integration with existing networks.
With a deep bu er and VoQ architecture the 7020TR are optimized for
demanding workloads. The 7020TRA-48 includes support for
AlgoMatch, and both the 7020TR and 7020TRA models support
Accelerated sFlow.
7020SR-24C2 and 7020SRG-24C2 Front View
24 SFP+ and 2 QSFP100
7020TR-48 and 7020TRA-48 Front View
48 RJ45 and 6 SFP+
7020SR-24C2 and 7020SRG-24C2 Rear View
7020SR-32C2 Front and Rear View
32 SFP+ and 2 QSFP100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com