Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7130LBR Datasheet(PDF) 8 Page - Arista Networks, Inc

Part # 7130LBR
Description  7130LBR Series Layer 1 Application Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

7130LBR Datasheet(HTML) 8 Page - Arista Networks, Inc

Back Button 7130LBR Datasheet HTML 3Page - Arista Networks, Inc 7130LBR Datasheet HTML 4Page - Arista Networks, Inc 7130LBR Datasheet HTML 5Page - Arista Networks, Inc 7130LBR Datasheet HTML 6Page - Arista Networks, Inc 7130LBR Datasheet HTML 7Page - Arista Networks, Inc 7130LBR Datasheet HTML 8Page - Arista Networks, Inc 7130LBR Datasheet HTML 9Page - Arista Networks, Inc 7130LBR Datasheet HTML 10Page - Arista Networks, Inc 7130LBR Datasheet HTML 11Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
7130LBR Series | Technical Speci cations
Environmental Characteristics
Operating Temperature 1
0 to 40˚C (32 to 104˚F)
Storage Temperature
-40 to 70˚C (-40 to 158˚F)
Relative Humidity
5 to 95%
Operating Altitude
0 to 10,000 ft, (0-3,000m)
Standards Compliance
EMC
FCC Class A, ICES-003, EN 55032, EN IEC
61000-3-2:2019, EN 61000-3-3
Immunity
EN 55035
EN 300 386
Safety
EN 62368-1:2014 + A11:2017
IEC-62368-1:2014
Certi cations
BSMI (Taiwan)
CE (European Union)
KCC (South Korea)
NRTL (North America)
RCM (Australia/New Zealand)
UKCA (United Kingdom)
VCCI (Japan)
European
Union
Directives
2014/53/EU Radio Equipment Directive
2014/35/EU Low Voltage Directive
2014/30/EU EMC Directive
2012/19/EU WEEE Directive
2011/65/EU RoHS Directive
2015/863/EU Commission Delegated Directive
Further
information
Product Certi cation Portal
Data Sheet
1. Certain air ow con gurations or the use of higher power or reduced temperature range optics may reduce maximum operating temperature.
2. Requires EOS version 4.29.1 or later
Power Supply Speci cations
Power Supply
PWR-2421-HV 2
PWR-1511-AC
PWR-1511-DC
Input Voltage
180-205V AC
192-400VDC
200-240V AC
-48 to -60 VDC
Typical Input Current
<14A at 200V AC
9.6A
35.2A Max (-48V)
Input Frequency
50/60Hz AC or DC
50/60Hz
DC
Output Power
2400W
1500W
1500W
Input Connector
SAF-D
IEC 320-C13
AWG #6 Max
E ciency (Typical)
96%
93% Platinum
92%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com