Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7130LBR Datasheet(PDF) 9 Page - Arista Networks, Inc

Part # 7130LBR
Description  7130LBR Series Layer 1 Application Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

7130LBR Datasheet(HTML) 9 Page - Arista Networks, Inc

Back Button 7130LBR Datasheet HTML 3Page - Arista Networks, Inc 7130LBR Datasheet HTML 4Page - Arista Networks, Inc 7130LBR Datasheet HTML 5Page - Arista Networks, Inc 7130LBR Datasheet HTML 6Page - Arista Networks, Inc 7130LBR Datasheet HTML 7Page - Arista Networks, Inc 7130LBR Datasheet HTML 8Page - Arista Networks, Inc 7130LBR Datasheet HTML 9Page - Arista Networks, Inc 7130LBR Datasheet HTML 10Page - Arista Networks, Inc 7130LBR Datasheet HTML 11Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
7130LBR Series | Optics
Supported Optics and Cables
Interface Type
QSFP-DD (NRZ) Ports
400GBASE-CR8 1
QSFP-DD to QSFP-DD: 1m-2.5m lengths
200GBASE-CR4 1
QSFP-DD to 2xQSFP: 1m to 2.5m lengths
100GBASE-CR4 1
QSFP-DD to 2xQSFP: 1m to 3m lengths
100GBASE-CR2 1
QSFP-DD to 4xQSFP: 1m to 3m lengths
50GBASE-CR 1
QSFP-DD to 8xQSFP: 1m to 3m lengths
25GBASE-CR 1
QSFP-DD to 8xSFP: 1m to 3m lengths
10GBASE-CR
QSFP+ to 4xSFP+: 0.5m-5m lengths
40GBASE-CR4
QSFP+ to QSFP+: 0.5m-5m lengths
40GBASE-AOC
3m to 100m lengths
40GBASE-UNIV
150m OM3 / 150m OM4, 500m SM
40GBASE-SRBD
100m OM3 /150m OM4 Duplex MMF
40GBASE-SR4
100m OM3 /150m OM4 Parallel MMF
40GBASE-XSR4
300m OM3 /400m OM4 Parallel MMF
40GBASE-PLRL4
1km (1km 4x10G LR/LRL)
40GBASE-PLR4
10km (10km 4x10G LR/LRL)
40GBASE-LRL4
1km Duplex SM
40GBASE-LR4
10km Duplex SM
40GBASE-ER4
40km Duplex SM
Supported Optics and Cables
10GbE
SFP+ ports
10GBASE-CR
SFP+ to SFP+: 0.5m-5m lengths
10GBASE-AOC
SFP+ to SFP+: 3m-30m lengths
10GBASE-SRL
100m OM3 /150m OM4 Duplex MMF
10GBASE-SR
300m OM3 / 400m OM4 Duplex MMF
10GBASE-LRL
1km Duplex SM
10GBASE-LR
10km Duplex SM
10GBASE-ER
40km Duplex SM
10GBASE-ZR
80km Duplex SM
10GBASE-T
Up to 30m over Cat6a
10GBASE-DWDM
80km Duplex SM
1GbE SX/LX/TX
550m / 10km / 100m
Arista Optics and Cables
The Arista 7130LBR Series supports a wide range of pluggable optics and cables. For details about the di erent optical modules and
the minimum EOS Software release required for each of the supported optical modules, visit https://www.arista.com/en/products/
transceivers-cables.
1. 7130LBR QSFP-DD ports operate as 8 x 10G NRZ lanes only. Breakout cables can be used to expose each lane in di erent groupings and do not add
higher speed support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com