Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7060CX2-32S-R Datasheet(PDF) 11 Page - Arista Networks, Inc

Part # DCS-7060CX2-32S-R
Description  7060X and 7260X Series 10/25/40/50/100G Data Center Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7060CX2-32S-R Datasheet(HTML) 11 Page - Arista Networks, Inc

Back Button DCS-7060CX2-32S-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7060CX2-32S-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7060CX2-32S-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7060CX2-32S-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7060CX2-32S-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7060CX2-32S-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7060CX2-32S-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7060CX2-32S-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7060CX2-32S-R Datasheet HTML 11Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
7060X and 7260X Series | Contact Details
Warranty
The Arista 7060X and 7260X switches comes with a one-year limited hardware warranty, which covers parts, repair, or replacement with
a 10 business day turn-around after the unit is received.
Service and Support
Support services including next business day and 4-hour advance hardware replacement are available. For service depot locations,
please see: http://www.arista.com/en/service
Headquarters
5453 Great America Parkway
Santa Clara, California 95054
408-547-5500
Support
support@arista.com
408-547-5502
866-476-0000
Sales
sales@arista.com
408-547-5501
866-497-0000
Copyright 2015 Arista Networks, Inc. The information contained herein is subject to change without notice. Arista, the
Arista logo and EOS are trademarks of Arista Networks. Other product or service names may be trademarks or service marks
of others.
www.arista.com
Optional Components and Spares
FAN-7000H-F
Spare fan module for Arista 7060X, 7160 and 7280R Series 1RU switches (front-to-rear airflow)
FAN-7000H-R
Spare fan module for Arista 7060X, 7160 and 7280R Series 1RU switches (rear-to-front airflow)
PWR-500AC-F
Spare 500 Watt AC power supply for Arista 7050X, 7280 and 7060CX 1RU Switches (front-to-rear airflow)
PWR-500AC-R
Spare 500 Watt AC power supply for Arista 7050X, 7280 and 7060CX 1RU Switches (rear-to-front airflow)
PWR-500-DC-F
Spare 500 Watt DC power supply for Arista 7050X, 7280 and 7060CX 1RU Switches (front-to-rear airflow)
PWR-500-DC-R
Spare 500 Watt DC power supply for Arista 7050X, 7280 and 7060CX 1RU Switches (rear-to-front airflow)
PWR-745AC-F
Spare 750 Watt AC power supply for Arista 7060X Series Switches (front-to-rear airflow)
PWR-745AC-R
Spare 750 Watt AC power supply for Arista 7060X Series Switches (rear-to-front airflow)
PWR-1100AC-F
Spare 1100 Watt AC power supply for Arista 7260QX Series Switches (front-to-rear airflow)
PWR-1100AC-R
Spare 1100 Watt AC power supply for Arista 7260QX Series Switches (rear-to-front airflow)
PWR-1900AC-F
Spare 1900 Watt AC power supply for Arista 7260CX Series Switches (front-to-rear airflow)
PWR-1900AC-R
Spare 1900 Watt AC power supply for Arista 7260CX Series Switches (rear-to-front airflow)
PWR-1900-DC-F
Spare 1900W DC Power Supply for 7260X Series Series Switches (front to rear airflow switch)
PWR-1900-DC-R
Spare 1900W DC Power Supply for 7260X Series Switches (rear to front airflow switch)
KIT-7003
Spare accessory kit for Arista 7260CX-64 2RU switches
KIT-7002
Spare accessory kit for Arista 7250 / 7050 and 7260QX 2RU switches
KIT-7001
Spare accessory kit for Arista 7060X 1RU switches with tool-less rails
KIT-2POST
Spare 2RU 2 post rack mount installation kit for Arista 7250 / 7050 and 7260X switches
KIT-2POST-1U-NT
Spare 1RU 2 post rail kit for 1RU tool less systems (7050QX-32S, 7050SX/TX, 7060X and 7280)
KIT-4POST-NT
Spare 1RU/2RU tool-less rail kits for 4-post installation (7050QX-32S, 7050SX/TX, 7060X, 7260X, 7280, 7250X)
March 15, 2021
03-0010-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com