Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7060CX2-32S-R Datasheet(PDF) 3 Page - Arista Networks, Inc

Part # DCS-7060CX2-32S-R
Description  7060X and 7260X Series 10/25/40/50/100G Data Center Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7060CX2-32S-R Datasheet(HTML) 3 Page - Arista Networks, Inc

  DCS-7060CX2-32S-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7060CX2-32S-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7060CX2-32S-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7060CX2-32S-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7060CX2-32S-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7060CX2-32S-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7060CX2-32S-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7060CX2-32S-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7060CX2-32S-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
7060X and 7260X Series | Platform Overview
Dynamic Bu er Allocation
In cut-through mode, the Arista 7060X and 7260X switches forward packets with a latency of 450 nanoseconds to 550 nanoseconds.
Upon congestion, the packets are buffered in shared packet memory that has a total size of 16 MBytes to 22 MBytes per port group.
Unlike other architectures that have fixed per-port packet memory, the 7060X and 7260X Series use Dynamic Buffer Allocation (DBA) to
allocate packet memory to a single port for lossless forwarding.
Scaling Data Center Performance
The Arista 7060X and 7260X series deliver line rate switching at layer 2 and layer 3 to enable faster and simpler network designs for data
centers that dramatically lowers the network capital and operational expenses. When used in conjunction with the Arista 7000 series of
fixed and modular switches it allows networks to scale to over 27,000 10G/25G servers in low-latency two-tier networks that provide
predictable and consistent application performance. The flexibility of the L2 and L3 multi-path design options combined with support
for open standards provides architectural flexibility, scalability and network wide virtualization. Arista EOS advanced features provide
control and visibility with single point of management.
Arista Fixed System Leaf-Spine Designs
Scale to 6,144 10GbE/25GbE ports or 1,536
40GbE/100GbE port at 3:1 subscription
Arista Leaf-Spine Two-tier Network Architecture with 7060X and 7260X Series
Maximum Flexibility for Scale Out Network Designs
Scale out network designs enable solutions to start small and evolve over time. A simple two-way design can grow as far as 64-way
without significant changes to the architecture. The Arista 7060X and 7260X include enhancements for flexible scale-out designs:
• 128-way ECMP and 64-way MLAG to provide scalable designs and balance traffic evenly across large scale 2 tier leaf-spine designs
• Custom hash algorithms for efficient hashing, persistent hashing and custom lookups for tunneled protocols.
• Flexible allocation of L2 and L3 forwarding table resources for more design choice
• Wide choice of dense 10G/25G/40G/100G interfaces for multi-speed flexibility
• Support for standards based IEEE 25GbE with mix and match support for both 10G and 25G for simple and cost effective migration
• VXLAN routing, bridging and gateway capability for physical to virtualization communication in next generation data center designs
• DANZ, sFlow and multi-port mirroring to detect micro-burst congestion and provide network wide visibility and monitoring
Arista Modular System Leaf-Spine Designs
Scale to 9,216 40GbE/100GbE ports or
27,648 10GbE/25GbE ports at 3:1
subscription



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com