Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7200 Datasheet(PDF) 21 Page - Arista Networks, Inc

Part # 7200
Description  7200 Series Enterprise WAN Router
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

7200 Datasheet(HTML) 21 Page - Arista Networks, Inc

Back Button 7200 Datasheet HTML 17Page - Arista Networks, Inc 7200 Datasheet HTML 18Page - Arista Networks, Inc 7200 Datasheet HTML 19Page - Arista Networks, Inc 7200 Datasheet HTML 20Page - Arista Networks, Inc 7200 Datasheet HTML 21Page - Arista Networks, Inc 7200 Datasheet HTML 22Page - Arista Networks, Inc 7200 Datasheet HTML 23Page - Arista Networks, Inc 7200 Datasheet HTML 24Page - Arista Networks, Inc 7200 Datasheet HTML 25Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Cable the Router
Figure 5-3: Lug Preparation
1
Insulated cable
A
1/4″
2
Heat-shrink tubing
B
1/2″
3
Lug
C
5/8″
Note: Dimension B is the width of the lug (not visible on the right-angle lug).
CAUTION: Remove the earth connection if all supply connections are disconnected.
1. Ensure the rack is properly grounded and in compliance with ETSI EN 300 253.
2. Ensure a good electrical connection to the rack's grounding point (no paint or isolating surface treatment).
3. Attach the solder terminal lug to an 18 AWG minimum grounding cable and connect it to the grounding
point on the router's rear panel.
4. Tighten the screw to secure the lug to the grounding point.
5. Connect the other end of the cable to the nearby grounded surface.
5.2
Connecting Power Cables
Power cords are optional and must ordered separately. You must use an approved power cord that is
compliant with local and national electrical codes or order one from Arista for use with this device.
Important:
Installation of this equipment must comply with local and national electrical codes. Consult with the
appropriate regulatory agencies and inspection authorities to ensure compliance.
Installation de cet équipement doit être conformes aux codes électriques locaux et nationaux. Si
nécessaire, consulter les organismes de réglementation appropriés et des autorités de contrôle pour
assurer la conformité.
The router accommodates two power supplies. At least one power supply must connect to a power source.
Connecting both power supplies provides redundancy protection. The Rear Panel section displays the
location of the power supplies on the router's rear panel.
•
Non-redundant configuration: Connect power to either of the two power supplies.
•
Redundant power supply configuration: Connect power to both power supplies.
•
Turn off the router: Remove all power cords and wires from the power supplies.
Important:
The installation of this equipment must comply with local and national electrical codes. Consult with
the appropriate regulatory agencies and inspection authorities to ensure compliance.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com