Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7200 Datasheet(PDF) 24 Page - Arista Networks, Inc

Part # 7200
Description  7200 Series Enterprise WAN Router
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

7200 Datasheet(HTML) 24 Page - Arista Networks, Inc

Back Button 7200 Datasheet HTML 20Page - Arista Networks, Inc 7200 Datasheet HTML 21Page - Arista Networks, Inc 7200 Datasheet HTML 22Page - Arista Networks, Inc 7200 Datasheet HTML 23Page - Arista Networks, Inc 7200 Datasheet HTML 24Page - Arista Networks, Inc 7200 Datasheet HTML 25Page - Arista Networks, Inc 7200 Datasheet HTML 26Page - Arista Networks, Inc 7200 Datasheet HTML 27Page - Arista Networks, Inc 7200 Datasheet HTML 28Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
Chapter
6
Configuring the Router
Arista routers ship from the factory in Zero Touch Provisioning (ZTP) mode. ZTP configures the router without
user intervention by downloading a startup configuration file or a boot script from a location specified by a
DHCP server.
To manually configure an Arista router, bypass ZTP. The initial configuration provides one username (admin)
that is accessible only through the console port because it does not have a password.
When bypassing ZTP, access the router by logging in as admin, with no password, through the console port.
Then, you can configure a password for admin and other password-protected usernames.
The manual configuration procedure described below cancels ZTP mode, logs into the router, assigns a
password to the admin, assigns an IP address to the management port, and defines a default route to a
network gateway.
As the router boots without a startup-config file, it displays the following through the console:
The device is in Zero Touch Provisioning mode and is attempting to
download the startup-config from a remote system. The device will not
be fully functional until either a valid startup-config is downloaded
from a remote system or Zero Touch Provisioning is cancelled. To cancel
Zero Touch Provisioning, login as admin and type 'zerotouch cancel'
at the CLI.
localhost login:
1. Connect the router to a power source (Cable the Router).
Note: Arista fixed routers take approximately 5 to 10 minutes to boot completely.
2. Connect the console port to a computer (Connecting Serial and Management Cables).
3. Log into the router by typing
admin at the login prompt.
localhost login:
admin
4. Cancel ZTP mode by typing
zerotouch cancel
Important: This step initiates the router to reboot.
localhost>
zerotouch cancel
5. After the router reboots, log into the router again by typing
admin at the login prompt.
Arista EOS
localhost login:
admin
Last login: Fri Mar 15 13:17:13 on console
6. Enter global configuration mode.
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com