Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7130-48LS-R Datasheet(PDF) 4 Page - Arista Networks, Inc

Part # DCS-7130-48LS-R
Description  7130LS Series Layer 1 FPGA Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7130-48LS-R Datasheet(HTML) 4 Page - Arista Networks, Inc

  DCS-7130-48LS-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7130-48LS-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7130-48LS-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7130-48LS-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7130-48LS-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7130-48LS-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7130-48LS-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7130-48LS-R Datasheet HTML 8Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7130LS Series | Technical Speci cations
Model Comparison
7130-48LS E
7130-48LAS E
7130-96LS E
7130-96LAS E
Ports
48 x SFP+
2 x RJ45
48 x SFP+
2 x RJ45
96 x SFP+
2 x RJ45
96 x SFP+
2 x RJ45
FPGA
Xilinx Virtex® UltraScale+™ FPGA
FPGA Model
VU7P Speed Grade 2
DRAM
32GB DDR
32GB DDR
32GB DDR
32GB DDR
SSD Drive Bays
No
No
No
No
External PCIE
No
No
No
No
Internal 10G Ports
2
2
2
2
Throughput
100M-11.3Gbps
100M-11.3Gbps
100M-11.3Gbps
100M-11.3Gbps
Layer 1 Latency
5 ns
5 ns
6 ns
6 ns
MetaMux Latency
43 ns
43 ns
43 ns
43 ns
MultiAccess Latency
55 ns
55 ns
55 ns
55 ns
MetaWatch
Yes
Yes
Yes
Yes
ExchangeApp
Yes
Yes
Yes
Yes
MetaProtect
Yes
Yes
Yes
Yes
SwitchApp
No
No
No
No
FDK (FPGA Dev Kit)
Yes
Yes
Yes
Yes
VDK (Vitis™ Dev Kit)
No
No
No
No
Clock
OCXO
Atomic
OCXO
Atomic
CPU
Quad-Core x86
Quad-Core x86
Quad-Core x86
Quad-Core x86
System Memory
8 GB RAM
8 GB RAM
8 GB RAM
8 GB RAM
On-board SSD
64GB
64GB
64GB
64GB
USB Ports
1
1
1
1
100/1000 Mgmt Ports
2
2
2
2
PPS Input Ports (5V TTL, 50 )
1
1
1
1
PPS Output Ports (5V TTL)
1
1
1
1
RS-232 Serial Ports
1 (RJ-45)
1 (RJ-45)
1 (RJ-45)
1 (RJ-45)
Hot-swap Power Supplies
2 (1+1 redundant)
Hot-swappable Fan Trays
2 (1+1 redundant)
3 (1+1 redundant)
Reversible Air ow Option
Yes
Yes
Yes
Yes
Rack Units
1U
1U
2U
2U
Size (WxHxD)
17.6 x 1.7 x 14.9” (44.8 x 4.3 x 37.9 cm)
17.6 x 3.3 x 14.9” (44.8 x 8.7 x 37.9 cm)
Max Power Draw
190W
190W
388W
388W
Weight
9kg/20lbs
9kg/20lbs
12kg/26lbs
12kg/26lbs
Fan Tray
FAN-7130-1U
FAN-7130-1U
FAN-7130-1U
FAN-7130-1U
Power Supplies
PWR-500 (AC or DC)
PWR-500 (AC or DC)
PWR-747AC
PWR-1900DC
PWR-747AC
PWR-1900DC
E. Product is subject to an End of Sale notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com