Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7130-48LS-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # DCS-7130-48LS-R
Description  7130LS Series Layer 1 FPGA Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7130-48LS-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  DCS-7130-48LS-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7130-48LS-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7130-48LS-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7130-48LS-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7130-48LS-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7130-48LS-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7130-48LS-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7130-48LS-R Datasheet HTML 8Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7130LS Series Layer 1+ FPGA Switch
Data Sheet
Product Highlights
Performance
• 7130-48LS/LBS: 48x100M/1GbE/10GbE
• 7130-96LS/LBS: 96x100M/1GbE/10GbE
• Non blocking
• Nanosecond level L1 forwarding
• Xilinx Virtex® UltraScale+™ FPGA
• Deterministic
Advanced L1 functionality
• Signal regeneration
• Media conversion
• Port mirroring
• Telemetry
• Dynamic patching/link management
• Layer 1+ statistics on every link
Core Features
• SFP+ ports capable of 100M-11.3Gbps
• Full signal recovery & regeneration
• Bit for bit forwarding for any protocol
• Layer 1+ packet statistics
• Integrated FPGA for applications
Ultra Low Latency
• Deterministic ultra low latency
• 5 ns - 7130-48LS/LBS
• 6 ns - 7130-96LS/LBS
• Less than 100 ps jitter
• Same latency for 1:N port mirroring
• Completely non-blocking
Redundancy & Data Center Optimized
• Dual redundant, hot swappable PSU
• Dual redundant, hot swappable fans
• AC & DC power options
• Rear to front or front to rear cooling
Monitoring
• Packet statistics on every port
• Embedded in uxdb database
• Eye diagram for monitoring/
troubleshooting
• tcpdump for diagnostics on every port
• LLDP for discovering network topology
• Full SFP+ interface diagnostics including
light levels, temperature & voltage
Management platform
• Linux based
• Industry standard CLI
• JSON RPC API for remote management
Overview
The Arista 7130LS Series FPGA-enabled devices leverage FPGA technology to
enable the development and deployment of cutting-edge network applications.
Available in 32, 48 or 96 SFP+ port options, the 7130LS Series combines multiple
devices in one; performing layer 1+ switching in only 5 nanoseconds, enabling
unrestricted access to an onboard FPGA and containing an x86_64 server.
The 7130LS Series is optimized for Arista’s FPGA-based network applications and
can equally be leveraged to run 3rd party partner applications. FPGA application
developers can utilize the platform to deploy and deliver their performance critical
apps. On top of the market-leading FPGA functionality, the devices combine a
range of Layer 1+ network functionality on to the same devices:
• Signal regeneration
• Port mirroring
• Dynamic patching/link management
• Ad-hoc tapping without rewiring
• Layer 1+ statistics on every link
• Media conversion
• Telemetry and more
Arista 7130LS Series
Feature
Bene ts
Simpli ed stack
Fan-out with 5 ns of latency, equivalent to a single meter of
ber or copper interconnect and insigni cant jitter.
Media conversion
Reduces costs by converting between di erent media types
running at the same rate
Layer 1+ functionality
Save rack space and reduce complexity by leveraging dynamic
patching, tapping, one-to-many replication, telemetry and
comprehensive port statistics on a single device.
Feature rich
Avoid the need to build features in-house by leveraging Arista’s
access control, syslog, SNMP, packet stats, tcpdump, JSON RPC
API, time series data, streaming telemetry and more - included
as standard within the 7130 Series.
Easy app deployment
Streamline operational processes through Arista’s built-in
application infrastructure which allows developers to wrap
applications into simple packages for deployment.
Enterprise ready
Deploy FPGA applications with ease - the FPGA platform
integrates with a 64-bit x86 management processor and the
MOS and/or EOS Operating systems to provide user extensible
solutions.


Similar Part No. - DCS-7130-48LS-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
DCS-7130-48G3S-F ARISTA-DCS-7130-48G3S-F Datasheet
291Kb / 4P
7130S Connect Series Layer 1 Switch
November 22nd, 2024
DCS-7130-48G3S-R ARISTA-DCS-7130-48G3S-R Datasheet
291Kb / 4P
7130S Connect Series Layer 1 Switch
November 22nd, 2024
More results

Similar Description - DCS-7130-48LS-R

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5646 BOARDCOM-BCM5646 Datasheet
102Kb / 1P
INTEGRATED MULTI LAYER SWITCH
logo
Agere Systems
ET4000 AGERE-ET4000 Datasheet
241Kb / 2P
Single-Chip 28 x 1 Gbits/s Layer 2 Ethernet Switch
June 2004
logo
Altera Corporation
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE6E22I7 ALTERA-EP4CE6E22I7 Datasheet
372Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE10U14I7N ALTERA-EP4CE10U14I7N Datasheet
372Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
1. Cyclone IV FPGA Device Family Overview
logo
Red Lion Controls. Inc
EL326-A0-1 REDLION-EL326-A0-1 Datasheet
1Mb / 4P
Layer 3 Industrial Ethernet Switch
EL228 REDLION-EL228 Datasheet
1Mb / 4P
Layer 2 Industrial Ethernet Switch
logo
Weidmuller
2778990000 WEIDMULLER-2778990000 Datasheet
195Kb / 6P
Layer 2 Network Switch, 19
November 4, 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com