Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-500AC-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # PWR-500AC-R
Description  7130S Connect Series Layer 1 Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-500AC-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  PWR-500AC-R Datasheet HTML 1Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 2Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 3Page - Arista Networks, Inc PWR-500AC-R Datasheet HTML 4Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7130S Connect Series Layer 1 Switch
Data Sheet
Product Highlights
Performance
• 7130-16G3S: 16x100M/1GbE/10GbE
• 7130-48G3S: 48x100M/1GbE/10GbE
• 7130-96S: 96x100M/1GbE/10GbE
• Non blocking
• Nanosecond-level L1 forwarding
• Deterministic
Advanced L1 functionality
• Signal regeneration
• Media conversion
• Port mirroring
• Telemetry
• Dynamic patching/link management
• Layer 1+ statistics on every link
Core Features
• SFP+ ports capable of 100M-11.3Gbps
• Full signal recovery & regeneration
• Bit for bit forwarding for any protocol
• Layer 1+ packet statistics
Ultra low latency
• 4 ns deterministic latency (7130-16/48G3S)
• 6 ns deterministic latency (7130-96S)
• Less than 100 ps jitter
• Same latency for 1:N port mirroring
• Completely non-blocking
Redundancy & data center
• 1 or 2 rack unit (RU)
• Dual redundant, hot swappable PSU
• Dual redundant, hot swappable fans
• AC & DC power options
• Rear to front or front to rear cooling
Monitoring
• Packet statistics on every port
• Embedded influxdb database
• Eye diagram for monitoring/
troubleshooting
• tcpdump for diagnostics on every port
• LLDP for discovering network topology
• Full SFP+ interface diagnostics including
light levels, temperature & voltage
Management platform
• Linux based
• Industry standard CLI
• JSON RPC API for remote management
Overview
The Arista 7130S Connect Series fixed systems are powerful network devices
designed for ultra low latency and offer a wealth of integrated management
features and functionalities.
The 7130S Connect Series switches forward data between ports in 4 nanoseconds
with full signal recovery and regeneration. They are non-blocking, deterministic
with virtually undetectable jitter, and do not buffer or queue data. State of the art
signal integrity circuitry allows for flexible use of SFP/SFP+ including long-range
multi-mode (LRM) as well as passive and active direct-attach copper cables.
The 7130S Connect Series platform is packet-aware providing comprehensive
packet statistics, signal quality monitoring including eye diagrams, and diagnostics.
Packet replication provides the ability to sniff packets without affecting the data
path.
The Arista’s 7130S Connect Series Layer 1+ switches can be used in a network as a
remotely configurable patch panel, for one to many data broadcast, ad-hoc
tapping, media conversion, and link monitoring with the same overhead as a meter
of fiber and no degeneration of signal quality.
Arista 7130S Connect Series
Feature
Benefits
4 - 6 ns deterministic latency
Rich feature set with latency as low and as
deterministic as a meter of fiber
Crosspoint switch
Acts as remotely configurable patch panel, kin-
switch and can perform bypass for failed links.
Media conversion
Reduces costs by converting between different
media types running at the same rate
Protocol agnostic
Connects any bit-stream including fiber-channel
and CPRI with regeneration to improve signal
quality
Layer 1+ packet stats
Provides higher-level packet statistics across all
ports with layer 1 performance
Signal integrity
Provides full clock and data recovery on both input
and output
X86-64 Linux management
Open standards based operating system
Cable compatibility
Compatible with suite of SFP+ modules and direct
attach copper cables


Similar Part No. - PWR-500AC-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
PWR-500AC-R ARISTA-PWR-500AC-R Datasheet
1Mb / 16P
Data Center Switch Router
June 20th, 2023
PWR-500AC-R ARISTA-PWR-500AC-R Datasheet
1Mb / 10P
7020R Series Data Center Switches
December 20th, 2023
PWR-500AC-R ARISTA-PWR-500AC-R Datasheet
814Kb / 9P
7050QX Series 10/40G Data Center Switches
May 23rd, 2022
PWR-500AC-R ARISTA-PWR-500AC-R Datasheet
1Mb / 15P
7050X3 Series 10/25/40/50/100G Data Center Switches
Oct 10, 2024
PWR-500AC-R ARISTA-PWR-500AC-R Datasheet
4Mb / 11P
7060X and 7260X Series 10/25/40/50/100G Data Center Switches
March 15, 2021
More results

Similar Description - PWR-500AC-R

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5371 PMC-PM5371 Datasheet
74Kb / 2P
VT/TU Cross-Connect Switch
logo
Broadcom Corporation.
BCM5646 BOARDCOM-BCM5646 Datasheet
102Kb / 1P
INTEGRATED MULTI LAYER SWITCH
logo
Agere Systems
ET4000 AGERE-ET4000 Datasheet
241Kb / 2P
Single-Chip 28 x 1 Gbits/s Layer 2 Ethernet Switch
June 2004
logo
Broadcom Corporation.
BCM5651 BOARDCOM-BCM5651 Datasheet
206Kb / 2P
StrataXGS TM INTEGRATED MULTI-LAYER SWITCH
BCM5665 BOARDCOM-BCM5665 Datasheet
86Kb / 2P
STRATAXGS BCM5665 INTEGRATED MULTI-LAYER SWITCH
logo
Red Lion Controls. Inc
EL326-A0-1 REDLION-EL326-A0-1 Datasheet
1Mb / 4P
Layer 3 Industrial Ethernet Switch
EL228 REDLION-EL228 Datasheet
1Mb / 4P
Layer 2 Industrial Ethernet Switch
logo
List of Unclassifed Man...
HEST12LM ETC2-HEST12LM Datasheet
341Kb / 3P
Industrial Ethernet Layer-3 Core Switch
logo
Weidmuller
2778990000 WEIDMULLER-2778990000 Datasheet
195Kb / 6P
Layer 2 Network Switch, 19
November 4, 2021
2779010000 WEIDMULLER-2779010000 Datasheet
153Kb / 5P
Layer 2 Network Switch, Modular, 19
November 4, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com