Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7011M-R Datasheet(PDF) 4 Page - Arista Networks, Inc

Part # FAN-7011M-R
Description  7132LB Series Layer 2 Application Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7011M-R Datasheet(HTML) 4 Page - Arista Networks, Inc

  FAN-7011M-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 9Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
7132LB Series | Technical Specifications
Specifications
Switch Model
7132LB-48Y4C
Front-Panel Ports
48x SFP28, 4x QSFP28
FPGA
1x Xilinx® UltraScale+™ VU9P-3
FPGA DRAM
4 x 8GB DDR4
FPGA Development Kit (FDK)
Yes
Vitis™ Development Kit (VDK)
Yes1
Clock
OCXO
CPU
8-core x86
System DRAM / SSD
32 GB DDR4 / 120 GB
RS-232 Serial Ports
1 (RJ-45)
USB Ports
1
100/1000 Management Ports
1
PPS Input Ports (5V TTL, 50Ω or Hi-Z)
1
PPS Output Ports (5V TTL)1
1
Hot-swap Power Supplies
2 (1+1 redundant)
Hot-swappable Fans
2 (N+1 redundant)
Reversible Airflow Option
Yes
Typical/Max Power Draw 2
367W/550W
Rack Units
1 U
Size (WxHxD)
17.3 x 1.7 x 18.6 inches
(44.0 x 4.4 x 47.2 cm)
Weight
21.6 lbs (9.8 kg)
Fan Tray
FAN-7011M
Power Supplies
PWR-1011-AC or PWR-1011-DC
EOS Feature Licenses
Group 2
Minimum EOS
4.30.2
1. Not currently supported in EOS
2. Typical power draw depends on FPGA application configuration
Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com