Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7011M-R Datasheet(PDF) 3 Page - Arista Networks, Inc

Part # FAN-7011M-R
Description  7132LB Series Layer 2 Application Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7011M-R Datasheet(HTML) 3 Page - Arista Networks, Inc

  FAN-7011M-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 9Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
High Availability and Flexibility
The Arista 7132LB Series provide enterprise-grade reliability. They enable flexible deployment and continuous operations with system
wide monitoring of both hardware and software components, simple serviceability and provisioning to prevent single points of failure.
Key features include:
• AC and DC power supply options
• Front to Rear cooling with dynamic temperature control.
• Redundant, color coded, field serviceable power and cooling subsystems:
• 1+1 hot-swappable platinum rated power supplies
• N+1 hot-swappable fans
• Live software patching
• Self healing software with Stateful Fault Repair (SFR)
7132LB Series | Platform Overview
Data Sheet
Custom Applications & FPGA Development Kit
FPGA developers can write custom applications for the 7132LB Series with Arista’s FPGA Development Kit (FDK). The FDK includes API
documentation, sample code, and IP cores to streamline development. Arista development toolkits enable complete and unfettered
access to the facilities provided by the in-system FPGAs.
Precision Timing (IEEE 1588v2 and PPS)
To meet the stringent timing and synchronization requirements in financial markets, telecom, and media & entertainment networks,
Arista’s 7132LB delivers high precision in-band time and frequency distribution support via Precision Time Protocol (PTP, IEEE 1588v2)
with optional Pulse-Per-Second (PPS) inputs for added accuracy. Leveraging a high stability on-board oscillator, 7132LBs can achieve
picosecond-level time synchronization.
The 7132LB features two front-panel SMA ports for PPS, one input and one output port. An internal PPS distribution network delivers
PPS signals to the FPGA serving the network application. A single front-panel SMA port can output the internal 10Mhz PPS clock to
downstream systems*.
IP Core
Features
10GbE MAC/PHY
• Ultra low latency 10GbE Ethernet PCS/PMA and MAC
• 10GbE support
• AXI4 stream interface
• Register interface for counters and link status
25GbE MAC/PHY
• Ultra low latency 25GbE Ethernet PCS/PMA and MAC
• 25GbE support
• AXI4 stream interface
• Register interface for counters and link status
Timestamper
• Complete precision timestamping system
• Includes timestamper core + sync & control daemon
• PPS synchronization
• Example Start-of-Frame timestamping application
Mux
• 10GbE packet multiplexer
• Configurable scheduling algorithms
• Advanced eXtensible Interface (AXI4) streaming inputs
• Status and packet counters
• Storm control
*
Not currently supported in EOS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com