Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7011H-R Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # FAN-7011H-R
Description  7130LBR Series Layer 1 Application Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7011H-R Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button FAN-7011H-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 9Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 10Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 11Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7130LBR Series | Technical Speci cations
Speci cations
Switch Model
7130LBR-48S6QD
Front-Panel Ports
48x SFP+, 6x QSFP-DD (10G NRZ)
Layer 1 Throughput
100M-11.3Gbps per lane
Layer 1 Latency
From 6 ns
FPGA
2x Xilinx® UltraScale+™ VU9P-3
FPGA DRAM
32GB DDR4 per FPGA
FPGA Crosspoint Interfaces
48x 10GbE per FPGA
R-Series Switch Throughput
1.5 Tbps
R-Series Switch Packet Bu er
4 GB
Internal Switch Interfaces
9x 25GbE lanes to each FPGA
48x 10GbE lanes to crosspoint
4x 10GbE to CPU
FPGA Development Kit (FDK)
Yes
Vitis™ Development Kit (VDK)
Yes1
Clock
OCXO
CPU
8-core x86
System DRAM / SSD
64 GB / 120 GB
RS-232 Serial Ports
1 (RJ-45)
USB Ports
1
100/1000 Management Ports
1
PPS Input Ports (5V TTL, 50 or Hi-Z)
2
PPS Output Ports (5V TTL)
2
Hot-swap Power Supplies
2 (1+1 redundant)
Hot-swappable Fans
3 (N+1 redundant)
Reversible Air ow Option
Yes
Typical/Max Power Draw 2
TBD
Rack Units
1 U
Size (WxHxD)
17.32 x 1.73 x 25.75 inches
(44.0 x 4.4 x 65.4 cm)
Weight
32.9 lbs (14.9 kg)
Fan Tray
FAN-7011H
Power Supplies
PWR-1511-AC or PWR-1511-DC
EOS Feature Licenses
Group 4
Minimum EOS
4.28.0F
1. Not currently supported in EOS
2. Typical power consumption measured at 25C ambient with 50% load
Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com