Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN-7011H-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # FAN-7011H-R
Description  7130LBR Series Layer 1 Application Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7011H-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  FAN-7011H-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7011H-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
7130LBR Series Layer 1 Application+ Switch
Data Sheet
Product Highlights
Performance
• 7130LBR: 48 x SFP+, 6 x QSFP-DD (NRZ)
• 96 x 10GbE, 18 x 25GbE internal switch
interfaces
• Up to 1.5 Tbps L2/L3 forwarding
• L1 replication from 6ns
• Dual Xilinx Virtex® UltraScale+™ FPGAs
Core Features
• Ultra low latency layer 1 crosspoint
• Full-featured integrated switch
• Dual application FPGAs
• High performance x86 control-plane
Advanced L1 Functionality
• Signal regeneration
• Media conversion
• Port mirroring
• Telemetry
• Dynamic patching/link management
• Layer 1+ statistics on each link
Integrated Switch
• Wire-speed L2/L3 forwarding
• BGP/OSPF/PIM support
• LANZ for microburst detection
• 4 GB packet bu er
• Tap aggregation mode
• Precision time stamping
• Streaming telemetry
Redundancy & Data Center Optimized
• High-density, compact 1RU form-factor
• Dual redundant, hot swappable PSU
• Dual redundant, hot swappable fans
• AC & DC power options
• Rear to front or front to rear cooling
Arista Extensible Operating System
• Single binary image for all products
• Fine-grained truly modular network OS
• Stateful Fault Containment (SFC)
• Stateful Fault Repair (SFR)
• Full Access to Linux shell and tools
• Extensible platform - bash, python, C++ ,
GO, OpenCon g
• FPGA Development Kit for custom in-
network applications
Arista EOS
All Arista products including the 7130LBR Series run the same Arista EOS software,
simplifying network administration with a single standard across all switches. Arista
EOS is a modular switch operating system with a unique state sharing architecture
that cleanly separates switch state from protocol processing and application logic.
Built on top of a standard Linux kernel, all EOS processes run in their own protected
memory space and exchange state through an in-memory database. This state
sharing architecture provides the foundation for self-healing resiliency and enables
straightforward third-party development and application integration.
Arista EOS enables advanced monitoring and automation capabilities such as Zero
Touch Provisioning, LANZ, and Linux based tools to be run natively on the switch.
Arista 7130LBR-48S6QD: 48x SFP+, 6 x QSFP-DD ports
Overview
The Arista 7130LBR Series introduces a fully composable architecture for the next
generation of high performance in-network applications. Combining programmable
large-scale FPGAs with a full-featured R3 family switch chip, all connected through
an ultra-low latency layer 1 crosspoint. With native support for 1:N connectivity and
and replication, each front-panel lane can be connected to any combination of two
FPGAs and the switch chip enabling customers to combine multiple applications
and utilise the inherent capabilities of the switching silicon.
Featuring dual Virtex® UltraScale+™ FPGAs, the 7130LBR Series supports two parallel
application instances based on Arista’s LB Board Standard. Arista applications
including MetaMux for low latency multiplexing and MetaWatch for picosecond-
level time stamping can be combined with third party applications and custom
functionality developed with the EOS FPGA Development Kit (FDK). The FDK builds
upon EOS’s extensible architecture and includes example code and IP cores to
accelerate new projects.
The 7130LBR Series includes an R3 generation switch element supporting line-rate
L2/L3 forwarding and a complete set of advanced routing features. Using the layer 1
crosspoint, these switch ports can be exibly con gured in-band or out-of-band. In-
band ports enable high-bandwidth switching & routing capability, and out-of-band
ports provide rich streaming telemetry, o oading FPGA resources. The switch can
also be con gured in tap aggregation mode, leveraging the Arista DANZ feature set.
The 7130LBR is available in a space-saving 1RU form factor with 48 x SFP+ and 6 x
QSFP-DD interfaces (NRZ). Each QSFP-DD interface may be broken out to 2 x 40GbE
or 8 x 10GbE interfaces, for a total of 96 x 10G lanes.


Similar Part No. - FAN-7011H-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
FAN-7011H-R ARISTA-FAN-7011H-R Datasheet
4Mb / 14P
7050X4 Series 100/200/400G Data Center Switches
Oct 21st, 2024
FAN-7011H-R ARISTA-FAN-7011H-R Datasheet
3Mb / 14P
7060X5 Series 400/800G Data Center Switches
Oct 21st, 2024
FAN-7011H-R ARISTA-FAN-7011H-R Datasheet
621Kb / 10P
7135LB Series Layer 1 FPGA Switch
Aug 12th, 2024
FAN-7011H-R ARISTA-FAN-7011H-R Datasheet
1Mb / 26P
7280R3 Series Data Center Switch Router
October 28th, 2024
FAN-7011H-R ARISTA-FAN-7011H-R Datasheet
1Mb / 26P
7280R3A Series Data Center Switch Router
October 28th, 2024
More results

Similar Description - FAN-7011H-R

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5646 BOARDCOM-BCM5646 Datasheet
102Kb / 1P
INTEGRATED MULTI LAYER SWITCH
logo
Agere Systems
ET4000 AGERE-ET4000 Datasheet
241Kb / 2P
Single-Chip 28 x 1 Gbits/s Layer 2 Ethernet Switch
June 2004
logo
Broadcom Corporation.
BCM5651 BOARDCOM-BCM5651 Datasheet
206Kb / 2P
StrataXGS TM INTEGRATED MULTI-LAYER SWITCH
BCM5665 BOARDCOM-BCM5665 Datasheet
86Kb / 2P
STRATAXGS BCM5665 INTEGRATED MULTI-LAYER SWITCH
logo
Red Lion Controls. Inc
EL326-A0-1 REDLION-EL326-A0-1 Datasheet
1Mb / 4P
Layer 3 Industrial Ethernet Switch
EL228 REDLION-EL228 Datasheet
1Mb / 4P
Layer 2 Industrial Ethernet Switch
logo
List of Unclassifed Man...
HEST12LM ETC2-HEST12LM Datasheet
341Kb / 3P
Industrial Ethernet Layer-3 Core Switch
logo
Weidmuller
2778990000 WEIDMULLER-2778990000 Datasheet
195Kb / 6P
Layer 2 Network Switch, 19
November 4, 2021
2779010000 WEIDMULLER-2779010000 Datasheet
153Kb / 5P
Layer 2 Network Switch, Modular, 19
November 4, 2021
2779020000 WEIDMULLER-2779020000 Datasheet
149Kb / 5P
Layer 2 Network Switch, Modular, 19
November 4, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com