Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-745AC-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # PWR-745AC-R
Description  7170 Series Programmable Data Center Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-745AC-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  PWR-745AC-R Datasheet HTML 1Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 2Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 3Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 4Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Overview
Highly dynamic cloud data center networks continue to evolve with the
introduction of new protocols and server technologies such as containers bringing
with them ever increasing bandwidth demands, accelerating the need for dense 100
Gigabit Ethernet switching in data center networks.
The Arista 7170 Series are purpose built fixed configuration 100GbE systems built for
the highest performance environments, and to meet the needs of the largest scale
data centers. They offer scalable L2 and L3 resources and high density with a highly
programmable and customizable switch architecture combined with advanced
features for software defined cloud networking and emerging requirements. With a
uniquely flexible programmable architecture, the 7170 series allow reconfiguration
of packet parsing, lookups, traffic scheduling, packet modification and traffic
monitoring without re-engineering the switch architecture.
The Arista 7170-64C is a programmable data center switch with a packet buffer pool
of up to 22MB that is shared across all ports. With 64 QSFP100 ports the 7170-64C is
a dense 40/100GbE system that can support a flexible combination of up to 64x
40/100GbE, 128x 50GbE or 256x 10/25GbE of wire speed performance in a 2RU
system.
The Arista 7170-32C/CD provide 32 QSFP100 ports based on the same architecture
as 7170-64C offering full throughput and performance in a dense 1RU chassis
supporting up to 32x 40/100GbE, 64x 50GbE or 128x 10/25GbE interfaces. The
7170-32C additionally provides double the system pipeline capacity to
accommodate more advanced features and higher scalability.
7170 Series Programmable Data Center Switches
Data Sheet
Product Highlights
Performance
• 7170-64C: 64x QSFP100
• 7170-32C and 7170-32CD: 32x QSFP100
• Flexible 10G to 100G support on all ports
• Up to 256 x 10G, 25G or 128 x 50G using
breakout cables
• Up to 12.8 terabits per second
• Up to 4.8 billion packets per second
• Wire speed L2 and L3 forwarding
• Latency from 800ns
• Up to 22MB integrated packet buffer
Data Center Optimized Design
• 64 QSFP100 ports in 2RU
• 32 QSFP100 ports in 1RU
• Under 5W per port typical
• Over 93% efficient power supplies
• 1+1 redundant & hot-swappable power
• N+1 redundant & hot-swappable fans
• Front-to-rear or rear-to-front cooling
• Tool less rails for simple installation
Resilient Control Plane
• High Performance x86 CPU
• Up to 64GB DRAM
• User applications can run in a VM
Advanced Provisioning & Monitoring
• CloudVision
• Zero Touch Provisioning (ZTP)
• LANZ for microburst detection
• DANZ Advanced Mirroring for visibility
• Self-configure and recover from USB
Flexible & Programmable Architecture
• Integrated and flexible packet forwarding
• Flexible resource allocation
• Advanced telemetry with packet traces
and user defined triggers
Arista Extensible Operating System
• Single binary image for all products
• Fine-grained truly modular network OS
• Stateful Fault Containment (SFC)
• Stateful Fault Repair (SFR)
• Full Access to Linux shell and tools
• Extensible platform - bash, python, C++ ,
GO, OpenConfig
Arista EOS
The Arista 7170 series runs the same Arista EOS software as all Arista products,
simplifying network administration. Arista EOS is a modular switch operating system
with a unique state sharing architecture that cleanly separates switch state from
protocol processing and application logic. Built on top of a standard Linux kernel, all
EOS processes run in their own protected memory space and exchange state
through an in-memory database. This multi-process state sharing architecture
provides the foundation for in-service-software updates and self-healing resiliency.
With Arista EOS, advanced monitoring and automation capabilities such as Zero
Touch Provisioning, VMTracer and Linux based tools can be run natively on the
switch with the powerful x86 CPU subsystem.
Arista 7170-64C: 64 x 40/100GbE QSFP100 ports, 2 SFP+ ports
Arista 7170-32C/CD: 32 x 40/100GbE QSFP100 ports, 2 SFP+ ports


Similar Part No. - PWR-745AC-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
PWR-745AC-R ARISTA-PWR-745AC-R Datasheet
1Mb / 16P
Data Center Switch Router
June 20th, 2023
PWR-745AC-R ARISTA-PWR-745AC-R Datasheet
4Mb / 11P
7060X and 7260X Series 10/25/40/50/100G Data Center Switches
March 15, 2021
PWR-745AC-R ARISTA-PWR-745AC-R Datasheet
1Mb / 10P
7260X3 Series 10/25/40/50/100G Data Center Switches
More results

Similar Description - PWR-745AC-R

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRS-4013A-0000 CWIND-GRS-4013A-0000 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0001 CWIND-GRS-4013A-0001 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0008 CWIND-GRS-4013A-0008_19 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0014 CWIND-GRS-4013A-0014 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0021 CWIND-GRS-4013A-0021 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013A-0023 CWIND-GRS-4013A-0023 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4013B-0001 CWIND-GRS-4013B-0001 Datasheet
180Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0012 CWIND-GRS-4023A-0012 Datasheet
181Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023A-0019 CWIND-GRS-4023A-0019 Datasheet
185Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
GRS-4023C-0007 CWIND-GRS-4023C-0007 Datasheet
179Kb / 2P
4000 Series Center-Off Miniature Rocker Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com