Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-745AC-R Datasheet(PDF) 3 Page - Arista Networks, Inc

Part # PWR-745AC-R
Description  7170 Series Programmable Data Center Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-745AC-R Datasheet(HTML) 3 Page - Arista Networks, Inc

  PWR-745AC-R Datasheet HTML 1Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 2Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 3Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 4Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-745AC-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
7170 Series | Platform Overview
Programmable Architecture
The 7170 series offers a protocol independent switch architecture with a highly programmable packet pipeline that allows the addition
of new protocols, encapsulation and tunneling features to the packet processor through simple software upgrades without changes to
the underlying hardware. This allows for rapid testing and deployment avoiding costly replacements or major upgrades. A recent
example of a new encapsulation in the data center environment is VXLAN which required new silicon technology, delaying customer
deployments and innovation.
Match-Action Units
The 7170 series packet processor pipeline consists of identical blocks of hardware stages or Match-Action Units. The Match-Action Units
are generic and can be configured to provide a specific function programmatically. Each Match-Action Unit extracts a match key from a
broad set of fields in the packet header and the application header. The key is used to lookup in the match table resulting in a broad set
of actions and stateful table updates. This architecture results in a configurable data plane with very high throughput, broad range of
packet processing functionality and application visibility.
Flexible and Scalable Resources
Network scalability is directly impacted by a switches forwarding tables. The 7170 Series provide flexibility on how memory resources
are allocated among the different tables and features. The architecture allows for flexible and programmable allocation of available
resources to achieve maximum efficiency for any given customer application. This allows for deployment of the 7170 Series across
traditional use cases with standard scale requirement as well as a wide range of use cases with unique resource requirements.
Application Profiles
The 7170 series with Arista EOS support a rich set of both data plane and control plane features and capabilities with a programmable
SDK that address the deployment in either a leaf or spine role in two-tier networks. Each application profile provides a targeted set of
data plane and control plane features with the feature scale tailored to solve a specific application. Arista and customers can leverage
P4 to define a new forwarding profile for the 7170 packet pipeline, to deliver custom behavior, change lookups performed on the
packets or rapidly develop and test new functionality. This flexibility provided by multiple forwarding profiles written in P4 and
compiled into Arista EOS, addresses multiple real world requirements for scale, advanced telemetry, security and encapsulation and can
be further customized to specific customer use-cases. The Enhanced feature license enables use of specialist profiles.
Some examples of solutions the 7170 Series can enable:
• Network Overlay and Virtualization profile in a bare metal environment offloads network functions such as traffic segmentation or
tunnel encapsulation from virtual servers freeing up compute resources and accelerating applications
• Flexible Routing and Segmentation profile supports a large FIB with provisions for customizations such as remove or change VLAN
tags, modify MPLS labels and implement custom protocols
• Network Security profile supports firewall functionality such as learn and track micro flows and sessions, identify anomalies and take
preventive measures dynamically
• Large Scale Network Address Translation profile to conceal internal networks, allow duplicate address spaces and facilitate IPv4 to
IPv6 migration
• Network and Application Telemetry with flow level visibility, custom application counters, configurable thresholds and alarms,
timestamping and end to end latency
• Large Scale ACL’s with support for stateful ACLs, rule based policies, hierarchical ACLs and conditional filtering for enhanced security
and application performance.
PCIe
Control and configuration
Common
Queuing and
Packet Data
Buffers
CPU MAC
DMA
Engines
Reset and
Clocks
10/40/100G
Rx MACs
Ingress
Match-Action
Pipeline
Egress
Match-Action
Pipeline
10/40/100G
Tx MACs
10/40/100G
Rx MACs
Ingress
Match-Action
Pipeline
Egress
Match-Action
Pipeline
10/40/100G
Tx MACs
10/40/100G
Rx MACs
Ingress
Match-Action
Pipeline
Egress
Match-Action
Pipeline
10/40/100G
Tx MACs
10/40/100G
Rx MACs
Ingress
Match-Action
Pipeline
Egress
Match-Action
Pipeline
10/40/100G
Tx MACs
Arista 7170 Series Packet Pipeline Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com