Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB2000
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB2000 Datasheet(HTML) 4 Page - Texas Instruments

  CDCDB2000 Datasheet HTML 1Page - Texas Instruments CDCDB2000 Datasheet HTML 2Page - Texas Instruments CDCDB2000 Datasheet HTML 3Page - Texas Instruments CDCDB2000 Datasheet HTML 4Page - Texas Instruments CDCDB2000 Datasheet HTML 5Page - Texas Instruments CDCDB2000 Datasheet HTML 6Page - Texas Instruments CDCDB2000 Datasheet HTML 7Page - Texas Instruments CDCDB2000 Datasheet HTML 8Page - Texas Instruments CDCDB2000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Table 4-1. Pin Functions (continued)
PIN
I/O TYPE(2)
DESCRIPTION
NAME(1)
NO.
CK18_P
C1
O
LP-HCSL differential clock output of channel 18. Typically connected directly to
PCIe differential clock input. If unused, the pins can be left no connect.
CK18_N
D1
O
CK19_P
E1
O
LP-HCSL differential clock output of channel 19. Typically connected directly to
PCIe differential clock input. If unused, the pins can be left no connect.
CK19_N
F1
O
MANAGEMENT AND CONTROL
CKPWRGD_PD#
M6
I, PD
Clock Power Good and Power Down multi-function input pin with internal 120-kΩ
pulldown. Typically connected to GPIO of microcontroller. If unused, the pin can be
left no connect. On first high transition, PWRGD samples the latched SADR[1:0]
inputs and starts up device. After PWRGD has been asserted high for the first time,
the pin becomes a PD# pin and it controls power-down mode:
LOW: Power-down mode, all output channels tri-stated.
HIGH: Normal operation mode.
OE5#
DATA
L8
I, PD
Output enable for channel 5 and Side-Band Interface data multi-function pin with
internal 120-kΩ pulldown. Typically connected to GPIO of microcontroller. If both
modes are unused, the pin can be left no connect. When pin E2 = LOW, OE5#
mode. Output enable for channel 5, active low.
LOW: enable output channel 5.
HIGH: disable output channel 5. When pin E2 = HIGH, DATA mode. Side-Band
Interface data pin.
OE6#
CLK
L10
I, PD
Output enable for channel 6 and Side-Band Interface clock multi-function pin with
internal 120-kΩ pulldown. Typically connected to GPIO of microcontroller. If both
modes are unused, the pin can be left no connect. When pin E2 = LOW, OE6#
mode. Output Enable for channel 6, active low.
LOW: enable output channel 6.
HIGH: disable output channel 6. When pin E2 = HIGH, CLK mode. Side-Band
interface clock pin.
OE7#
K11
I, PD
Output Enable for channel 7 with internal 120-kΩ pulldown, active low. Typically
connected to GPIO of microcontroller. If unused, the pin can be left no connect.
LOW: enable output channel 7.
HIGH: disable output channel 7.
OE8#
H11
I, PD
Output Enable for channel 8, with internal 120-kΩ pulldown, active low. Typically
connected to GPIO of microcontroller. If unused, the pin can be left no connect.
LOW: enable output channel 8.
HIGH: disable output channel 8.
OE9#
E12
I, PD
Output Enable for channel 9, with internal 120-kΩ pulldown, active low. Typically
connected to GPIO of microcontroller. If unused, the pin can be left no connect.
LOW: enable output channel 9.
HIGH: disable output channel 9.
OE10#
SHFT_LD#
E11
I, PD
Output enable for channel 10 and Side-Band Interface load shift registers multi-
function pin with internal 120-kΩ pulldown. Typically connected to GPIO of
microcontroller. If both modes are unused, the pin can be left no connect. When pin
E2 = LOW, OE10# mode. Output Enable for channel 10, active low.
LOW: enable output channel 10.
HIGH: disable output channel 10. When pin E2 = HIGH, SHFT_LD# mode. Side-
Band Interface load shift registers pin.
LOW: disable Side-Band Interface shift register.
HIGH: enable Side-Band Interface shift register.
A falling edge transfers the Side-Band shift register contents to the output register.
OE11#
C11
I, PD
Output Enable for channel 11 with internal 120-kΩ pulldown, active low. Typically
connected to GPIO of microcontroller. If unused, the pin can be left no connect.
LOW: enable output channel 11.
HIGH: disable output channel 11.
OE12#
B10
I, PD
Output Enable for channel 12 with internal 120-kΩ pulldown, active low. Typically
connected to GPIO of microcontroller. If unused, the pin can be left no connect.
LOW: enable output channel 12.
HIGH: disable output channel 12.
CDCDB2000
SNAS787B – NOVEMBER 2019 – REVISED OCTOBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CDCDB2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com