Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB2000
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB2000 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCDB2000 Datasheet HTML 4Page - Texas Instruments CDCDB2000 Datasheet HTML 5Page - Texas Instruments CDCDB2000 Datasheet HTML 6Page - Texas Instruments CDCDB2000 Datasheet HTML 7Page - Texas Instruments CDCDB2000 Datasheet HTML 8Page - Texas Instruments CDCDB2000 Datasheet HTML 9Page - Texas Instruments CDCDB2000 Datasheet HTML 10Page - Texas Instruments CDCDB2000 Datasheet HTML 11Page - Texas Instruments CDCDB2000 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
5.5 Electrical Characteristics (continued)
VDD, VDD_A = 3.3 V ± 5 %, -40 °C < TA < 85 °C. Typical values are at VDD = VDD_A = 3.3 V, 25 °C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSKEW
Skew between outputs
(6)
50
ps
JCKx_PCIE
Additive jitter
DB2000QL filter
0.08 ps, rms
Additive jitter for PCIe5
PCIe5.0 filter
0.03 ps, rms
Additive jitter for PCIe4
PLL BW = 2 - 5 MHz; CDR =
10 MHz
Input clock
slew rate ≥
1.8 V/ns
0.08 ps, rms
Additive jitter for PCIe3
Input clock
slew rate ≥
0.6 V/ns
0.15 ps, rms
JCKx_PCIE
Additive jitter for PCIe2
PCIe2 filter
0.2 ps, rms
JCKx_PCIE
Additive jitter for PCIe1
PCIe1 filter
5 ps, rms
JCKx
Additive jitter
fIN = 100 MHz; slew rate ≥ 3 V/ns; 12 kHz to
20 MHz integration bandwidth.
155
fs, rms
SMBUS INTERFACE, SIDE-BAND INTERFACE, OEx#, CKPWRGD_PD#, SBEN
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
IIL
Input leakage current
With internal pull up/pull-down
GND < VIN
< VDD
–30
30
uA
Without internal pull up/pull-
down
–5
5
CIN
Input capacitance
4.5
pF
COUT
Output capacitance
4.5
pF
3-LEVEL DIGITAL INTERFACE (SA_0, SA_1)
VIHT
High-level input voltage
2.4
V
VIMT
Mid level input voltage
1.3
VDD/2
1.8
VILT
Low-level input voltage
0.9
IINT
Input high current
VIN = VDD, VIN = GND
-10
10
uA
ILeak
Input leakage current
With internal pull up/pull-down
GND < VIN
< VDD
–30
30
(1)
Voltage swing includes overshoot.
(2)
Not tested in production. Ensured by design and characterization.
(3)
Measured into DC test load.
(4)
VCROSS is single-ended voltage when CKx_P = CKx_N with respect to system ground. Only valid on rising edge of CKx, when CKx_P
is rising.
(5)
Measured from rising edge of CLK_IN to any CKx output.
(6)
Measured from rising edge of any CKx output to any other CKx output.
5.6 Timing Requirements
VDD, VDD_A = 3.3 V ± 5 %, -40 °C < TA < 85 °C. Typical values are at VDD = VDD_A = 3.3 V, 25 °C (unless otherwise
noted)
MIN
NOM
MAX
UNIT
SMBUS-COMPATIBLE INTERFACE TIMING
fSMB
SMBus operating frequency
10
100
kHz
tBUF
Bus free time between STOP and START
4.7
µs
tHD_STA
START condition hold time
4
tSU_STA
START condition setup time
4.7
tSU_STO
STOP condition setup time
4
tHD_DAT
SMBDAT hold time
300
ns
tSU_DAT
SMBDAT setup time
250
CDCDB2000
SNAS787B – NOVEMBER 2019 – REVISED OCTOBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CDCDB2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com