Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000ENPPR Datasheet(PDF) 33 Page - Texas Instruments

Part # CDCDB2000ENPPR
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB2000ENPPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button CDCDB2000ENPPR Datasheet HTML 27Page - Texas Instruments CDCDB2000ENPPR Datasheet HTML 28Page - Texas Instruments CDCDB2000ENPPR Datasheet HTML 29Page - Texas Instruments CDCDB2000ENPPR Datasheet HTML 30Page - Texas Instruments CDCDB2000ENPPR Datasheet HTML 31Page - Texas Instruments CDCDB2000ENPPR Datasheet HTML 32Page - Texas Instruments CDCDB2000ENPPR Datasheet HTML 33Page - Texas Instruments CDCDB2000ENPPR Datasheet HTML 34Page - Texas Instruments CDCDB2000ENPPR Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MIN
0.05 MAX
80X (
0.25)
(0.5) TYP
(0.5) TYP
(
0.25)
SOLDER MASK
OPENING
(
0.25)
METAL
(
2.8)
(
0.2) VIA
TYP
(1.15)
(1.15)
4224877/A 03/2019
TLGA - 0.9 mm max height
NPP0080A
THIN LAND GRID ARRAY
NOTES: (continued)
4. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
See Texas Instruments Literature No. SNVA009 (www.ti.com/lit/snva009).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SOLDER MASK DETAILS
NOT TO SCALE
SYMM
SYMM
C
1
2
3
4
5
6
7
8
9
10
11
12
A
B
D
E
F
G
H
J
K
L
M
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 15X
NON-SOLDER MASK
DEFINED
(PREFERRED)
EXPOSED
METAL
SOLDER MASK
OPENING
SOLDER MASK
DEFINED
METAL UNDER
SOLDER MASK
EXPOSED
METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com