Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000ENPPR Datasheet(PDF) 34 Page - Texas Instruments

Part # CDCDB2000ENPPR
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB2000ENPPR Datasheet(HTML) 34 Page - Texas Instruments

Back Button CDCDB2000ENPPR Datasheet HTML 27Page - Texas Instruments CDCDB2000ENPPR Datasheet HTML 28Page - Texas Instruments CDCDB2000ENPPR Datasheet HTML 29Page - Texas Instruments CDCDB2000ENPPR Datasheet HTML 30Page - Texas Instruments CDCDB2000ENPPR Datasheet HTML 31Page - Texas Instruments CDCDB2000ENPPR Datasheet HTML 32Page - Texas Instruments CDCDB2000ENPPR Datasheet HTML 33Page - Texas Instruments CDCDB2000ENPPR Datasheet HTML 34Page - Texas Instruments CDCDB2000ENPPR Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(0.715)
4X (
1.23)
(0.5) TYP
(0.5) TYP
80X (
0.25)
(R0.05) TYP
(0.715)
4224877/A 03/2019
TLGA - 0.9 mm max height
NPP0080A
THIN LAND GRID ARRAY
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release.
SYMM
SYMM
1
2
3
4
5
6
7
8
9
10
11
12
C
A
B
D
E
F
G
H
J
K
L
M
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
SCALE: 15X
METAL
TYP
EXPOSED METAL
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com