Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000ENPPT Datasheet(PDF) 13 Page - Texas Instruments

Part # CDCDB2000ENPPT
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB2000ENPPT Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCDB2000ENPPT Datasheet HTML 9Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 10Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 11Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 12Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 13Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 14Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 15Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 16Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
PWRGD
PD#
CKPWRGD_PD#
VDD/VDD_A
Figure 6-1. PWRGD and PD# State Changes
6.4.2 OE[12:5]# and SMBus Output Enables
Each output channel, 0 to 19, can be individually enabled or disabled by SMBus control register bits, called SMB
enable bits. Additionally, each output channel from 12 to 5 has a dedicated, corresponding, OE[12:5]# hardware
pin. The OE[12:5]# pins are asynchronously asserted-low signals that may enable or disable the output.
Refer to Table 6-2 for enabling and disabling outputs through the hardware and software. Note that both the
SMB enable bit must be a ‘1’ and the OEx# pin must be an input low voltage ‘0’ for the output channel to be
active.
Table 6-2 is only valid when the SBEN signal is low (SBEN = 0).
Table 6-2. OE[12:5]# Functionality When SBEN = 0
INPUTS
OE[12:5]# HARDWARE PINS AND SMBus CONTROL REGISTER BITS
PWRGD
PD#
CLKIN
SMBus ENABLE BIT
(byte[2:0])
OE[12:5]#
CK[12:5]
CK[19:13, 4:0]
0
X
X
X
X
LOW
LOW
1
0
X
X
X
Tristate
Tristate
1
1
Running
0
X
0
0
1
1
Running
1
0
Running
Running
1
1
Running
1
1
0
Running
www.ti.com
CDCDB2000
SNAS787B – NOVEMBER 2019 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: CDCDB2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com