Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000ENPPT Datasheet(PDF) 21 Page - Texas Instruments

Part # CDCDB2000ENPPT
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB2000ENPPT Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCDB2000ENPPT Datasheet HTML 17Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 18Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 19Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 20Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 21Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 22Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 23Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 24Page - Texas Instruments CDCDB2000ENPPT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Table 7-12. SBIMSK2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SBI Output Mask, CK15
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK15 Enabled
6
SBI Output Mask, CK14
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK14 Enabled
5
SBI Output Mask, CK13
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK13 Enabled
4
SBI Output Mask, CK12
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK12 Enabled
3
SBI Output Mask, CK11
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK11 Enabled
2
SBI Output Mask, CK10
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK10 Enabled
1
SBI Output Mask, CK9
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK9 Enabled
0
SBI Output Mask, CK8
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK8 Enabled
7.1.11 SBIMSK3 Register (Address = Ah) [reset = 0h]
SBIMSK3 is shown in Table 7-13.
Return to the Summary Table.
The SBIMSK3 register allows the SMBus to force enable each output channel individually when the
CDCDB2000 is in Side-Band interface mode.
Table 7-13. SBIMSK3 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R
0h
Reserved
3
SBI Output Mask, CK19
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK19 Enabled
2
SBI Output Mask, CK18
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK18 Enabled
1
SBI Output Mask, CK17
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK17 Enabled
0
SBI Output Mask, CK16
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK16 Enabled
www.ti.com
CDCDB2000
SNAS787B – NOVEMBER 2019 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: CDCDB2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com