Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000NPPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB2000NPPR
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB2000NPPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDCDB2000NPPR Datasheet HTML 15Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 16Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 17Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 18Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 19Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 20Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 21Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 22Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Table 7-6. OERDBK Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3
OE8# State
R
0h
This bit reports the logic level present on the OE8# pin.
2
OE7# State
R
0h
This bit reports the logic level present on the OE7# pin.
1
OE6# State
R
0h
This bit reports the logic level present on the OE6# pin.
0
OE5# State
R
0h
This bit reports the logic level present on the OE5# pin.
7.1.5 SBRDBK Register (Address = 4h) [reset = 1h]
SBRDBK is shown in Table 7-7.
Return to the Summary Table.
The SBRDBK register contains a bit that report the current state of the SBEN input pin.
Table 7-7. SBRDBK Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R
0h
Reserved
0
SBEN State
R/W
1h
This bit reports the logic level present on the SBEN pin.
7.1.6 VDRREVID Register (Address = 5h) [reset = X]
VDRREVID is shown in Table 7-8.
Return to the Summary Table.
The VDRREVID register contains a vendor identification code and silicon revision code.
Table 7-8. VDRREVID Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
Revision Code[3:0]
R
X
Silicon revision code.
Silicon revision code bits
[3:0] map to register bits
[7:4] directly.
3-0
Vendor ID[3:0]
R
X
Vendor identification code.
Vendor ID bits
[3:0] map to register bits
[3:0] directly.
7.1.7 DEVID Register (Address = 6h) [reset = X]
DEVID is shown in Table 7-9.
Return to the Summary Table.
The DEVID register contains a device identification code.
Table 7-9. DEVID Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
Device ID[7:0]
R
X
Device ID code.
Device ID bits[7:0] map to register bits[7:0] directly.
7.1.8 BTRDCNT Register (Address = 7h) [reset = 8h]
BTRDCNT is shown in Table 7-10.
www.ti.com
CDCDB2000
SNAS787B – NOVEMBER 2019 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: CDCDB2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com