Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB2000NPPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB2000NPPR
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB2000NPPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button CDCDB2000NPPR Datasheet HTML 19Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 20Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 21Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 22Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 23Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 24Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 25Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 26Page - Texas Instruments CDCDB2000NPPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
8.2.2 Detailed Design Procedure
The following items must be determined before starting design of a CDCDB2000 socket:
• Output Enable Control Method
8.2.2.1 Output Enable Control Method
The device provides an option to either use SMBus programmed registers (software) to control the outputs or by
using the hardware OE# pins. In case of using software to control the outputs, the hardware OE# pins can be left
floating as each of these pins have a pulldown to ground. Refer to the Section 7 section for more information on
programming the register.
When the user wants to control the outputs with the hardware OE# pins, they can do so for example by
connecting these pins to a GPIO controller and follow the Section 4 section to set the outputs to HIGH/LOW.
The bits OUT_EN_CLK7 to OUT_EN_CLK0 used to control the outputs are shown in registers OECR1 field
descriptions. These register bits are set to 1 by default to ensure that the outputs are "software enabled" and
their state is therefore set by hardware OE# pins.
8.2.2.2 SMBus Address
An SMBus address should be selected from the listed potential addresses in Table 8-1. The appropriate pullup or
pulldown resistor should be placed on the SADRx pins as indicated in the table. Ensure the SMBus address is
not already in use to avoid conflict.
Table 8-1. SMBus Address Assignment
SADR1
SADR0
SMBus ADDRESS
L
L
0xD8
L
M
0xDA
L
H
0xDE
M
L
0xC2
M
M
0xC4
M
H
0xC6
H
L
0xCA
H
M
0xCC
H
H
0xCE
8.2.3 Application Curve
The graph listed in Table 8-2 is used as both an application curve and a typical characteristics plot (see the
Section 5.7 section).
Table 8-2. Table of Graphs
TITLE
FIGURE
CDCDB2000 Clock Out (CK0:19) Phase Noise
Figure 5-1
8.3 Power Supply Recommendations
High-performance clock buffers are sensitive to noise on the power supply, which can dramatically increase the
additive jitter of the buffer. Thus, it is essential to reduce noise from the system power supply, especially when
the jitter and phase noise is critical to applications.
Filter capacitors are used to eliminate the low-frequency noise from the power supply, where the bypass
capacitors provide the very low impedance path for high-frequency noise and guards the power supply system
against induced fluctuations. These bypass capacitors also provide instantaneous current surges as required by
the device and should have low equivalent series resistance (ESR). To properly use the bypass capacitors, they
must be placed very close to the power-supply terminals and laid out with short loops to minimize inductance. TI
recommends to insert a ferrite bead between the board power supply and the chip power supply that isolates the
high-frequency switching noises generated by the clock buffer. These beads prevent the switching noise from
www.ti.com
CDCDB2000
SNAS787B – NOVEMBER 2019 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: CDCDB2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com